Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LM3477AMMX/NOPB Datasheet(PDF) 25 Page - Texas Instruments

Part # LM3477AMMX/NOPB
Description  LM3477 High Efficiency High-Side N-Channel Controller for Switching Regulator
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM3477AMMX/NOPB Datasheet(HTML) 25 Page - Texas Instruments

Back Button LM3477AMMX/NOPB Datasheet HTML 21Page - Texas Instruments LM3477AMMX/NOPB Datasheet HTML 22Page - Texas Instruments LM3477AMMX/NOPB Datasheet HTML 23Page - Texas Instruments LM3477AMMX/NOPB Datasheet HTML 24Page - Texas Instruments LM3477AMMX/NOPB Datasheet HTML 25Page - Texas Instruments LM3477AMMX/NOPB Datasheet HTML 26Page - Texas Instruments LM3477AMMX/NOPB Datasheet HTML 27Page - Texas Instruments LM3477AMMX/NOPB Datasheet HTML 28Page - Texas Instruments LM3477AMMX/NOPB Datasheet HTML 29Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 36 page
background image
1
Q =
= 0.33
S
[(3.36)(0.44) - 0.5]
1
2S(100 x 10
-6)(0.01)
fESR =
= 159kHz
fp1 =
(500 x 10
3)(3.3 x 10-6)(100 x 10-6)
+
1
(100 x 10
-6)(0.83)
1
2S
1
(3.36)(0.44) - 0.5
>
@ = 2.86 kHz
ADC =
0.83
1.8 x 0.02
[(3.36(0.44) - 0.5]
(500 x 10
3)(3.3 x 10-6)
1+
1
0.83
= 15.5
H = feedback gain =
1.27
2.5
= 0.508
FC(s) =
(sCC1RC + 1)
s
2C
C1CC2RCRGM + s(CC2RGM + CC1(RGM + RC)) + 1
, CC2 used
FC(s) =
(sCC1RC + 1)
sCC1RGM (RGM + RC) + 1
, CC2 not used
Fh(s) =
+
1
s
2
1
S
fs
2
s
1
S
fsQ
+ 1
FP(S) =
1 +
s
S
fESR
1 +
s
S
fp1
RGM + RC
S
fESR RGMRC
CC2 =
(F)
LM3477
www.ti.com
SNVS141K – OCTOBER 2000 – REVISED MARCH 2013
(47)
PLOTTING THE OPEN LOOP RESPONSE
The open loop response is expressed as:
T = ADC x ACM x H x Fp(s) x Fc(s)
Where ADC and H are given above and
ACM = GM x RGM
(48)
(49)
(50)
(51)
One can plot the magnitude and phase of the open loop response to analyze the frequency response.
EXAMPLE: COMPENSATION DESIGN
4.5V
≤ VIN ≤ 5.5V
VOUT = 2.5V
IOUT = 3A (R = 0.83Ω)
RSN = 0.02Ω
L = 3.3µH
RSL = 0Ω
COUT = 100µF
RESR = 0.01Ω
First, calculate the power stage parameters using VIN(MIN) and R(MAX):
(52)
(53)
(54)
(55)
(56)
In this example, a crossover frequency of 20kHz is chosen, so: fC = 20000. RC is now calculated using the power
stage information and the target crossover frequency fC:
Copyright © 2000–2013, Texas Instruments Incorporated
Submit Documentation Feedback
25
Product Folder Links: LM3477



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com