Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LM3477AMMX/NOPB Datasheet(PDF) 3 Page - Texas Instruments

Part # LM3477AMMX/NOPB
Description  LM3477 High Efficiency High-Side N-Channel Controller for Switching Regulator
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM3477AMMX/NOPB Datasheet(HTML) 3 Page - Texas Instruments

  LM3477AMMX/NOPB Datasheet HTML 1Page - Texas Instruments LM3477AMMX/NOPB Datasheet HTML 2Page - Texas Instruments LM3477AMMX/NOPB Datasheet HTML 3Page - Texas Instruments LM3477AMMX/NOPB Datasheet HTML 4Page - Texas Instruments LM3477AMMX/NOPB Datasheet HTML 5Page - Texas Instruments LM3477AMMX/NOPB Datasheet HTML 6Page - Texas Instruments LM3477AMMX/NOPB Datasheet HTML 7Page - Texas Instruments LM3477AMMX/NOPB Datasheet HTML 8Page - Texas Instruments LM3477AMMX/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 36 page
background image
LM3477
www.ti.com
SNVS141K – OCTOBER 2000 – REVISED MARCH 2013
Absolute Maximum Ratings
(1) (2)
Input Voltage
36V
Peak Driver Output Current (<10µs)
1.0A
CB Pin Voltage (3)
43V
ISEN Pin Voltage
500mV
Power Dissipation
Internally Limited
Storage Temperature Range
−65°C to +150°C
Junction Temperature
+150°C
ESD Susceptibilty (4)
Human Body Model
2kV
Machine Model
200V
Lead Temperature for VSSOP Package
Vapor Phase (60 sec.)
215°C
Infared (15 sec.)
220°C
(1)
Absolute Maximum Ratings are limits beyond which damage to the device may occur. Operating Ratings are conditions under which
operation of the device is intended to be functional. For ensured specifications and test conditions, see the Electrical Characteristics.
(2)
If Military/Aerospace specified devices are required, please contact the TI Sales Office/Distributors for availability and specifications.
(3)
The CB pin must not be higher than 8V above the VSW.
(4)
The human body model is a 100 pF capacitor discharged through a 1.5k
Ω resistor into each pin. The machine model is 200 pF capacitor
discharged directly into each pin.
Operating Ratings
(1)
Supply Voltage
2.97V
≤ VIN ≤ 35V
Junction Temperature Range
−40°C ≤ TJ ≤ +125°C
(1)
Absolute Maximum Ratings are limits beyond which damage to the device may occur. Operating Ratings are conditions under which
operation of the device is intended to be functional. For ensured specifications and test conditions, see the Electrical Characteristics.
Electrical Characteristics
(1)
Specifications in Standard type face are for TJ = 25°C, and in bold type face apply over the full Operating Temperature
Range. Unless otherwise specified, VIN = 12V.
Symbol
Parameter
Conditions
Typical
Limit
Units
VFB
Feedback Voltage
VCOMP = 1.4V,
1.270
V
2.97V
≤ VIN ≤ 36V
1.260/1.252
V(min)
1.288/1.290
V(max)
ΔVLINE
Feedback Voltage Line Regulation
2.97V
≤ VIN ≤ 36V
0.001
%/V
ΔVLOAD
Output Voltage Load Regulation
±0.5
%/V (max)
VUVLO
Input Undervoltage Lock-out
2.87
V
2.97
V(max)
VUV(HYS)
Input Undervoltage Lock-out Hysteresis
180
mV
130
mV (min)
225
mV (max)
FSW
Switching Frequency
500
kHz
435
kHz(min)
575
kHz(max)
RDS1 (ON)
Driver Switch On Resistance (top)
IDR = 0.2A, VIN= 5V
7
Ω
RDS2 (ON)
Driver Switch On Resistance (bottom)
IDR = 0.2A
4
Ω
(VCB−VSW)max
Maximum Boot Voltage
VIN < 7.2V
VIN
V
VIN ≥ 7.2V
7.2
Dmax
Maximum Duty Cycle
93
%
88
%(min)
Tmin (on)
Minimum On Time
330
nsec
230
nsec(min)
495
nsec(max)
(1)
All limits are ensured at room temperature (standard type face) and at temperature extremes (bold type face). All room temperature
limits are 100% tested. All limits at temperature extremes are ensured via correlation using standard Statistical Quality Control (SQC)
methods. All limits are used to calculate Average Outgoing Quality Level (AOQL).
Copyright © 2000–2013, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: LM3477



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com