Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LM3464AMHX/NOPB Datasheet(PDF) 2 Page - Texas Instruments

Part # LM3464AMHX/NOPB
Description  LED Driver with Dynamic Headroom Control and Thermal Control Interfaces
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM3464AMHX/NOPB Datasheet(HTML) 2 Page - Texas Instruments

  LM3464AMHX/NOPB Datasheet HTML 1Page - Texas Instruments LM3464AMHX/NOPB Datasheet HTML 2Page - Texas Instruments LM3464AMHX/NOPB Datasheet HTML 3Page - Texas Instruments LM3464AMHX/NOPB Datasheet HTML 4Page - Texas Instruments LM3464AMHX/NOPB Datasheet HTML 5Page - Texas Instruments LM3464AMHX/NOPB Datasheet HTML 6Page - Texas Instruments LM3464AMHX/NOPB Datasheet HTML 7Page - Texas Instruments LM3464AMHX/NOPB Datasheet HTML 8Page - Texas Instruments LM3464AMHX/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 34 page
background image
LM3464, LM3464A
SNVS652F – APRIL 2010 – REVISED MAY 2013
www.ti.com
Connection Diagram
Figure 1. Top View
28-Lead TSSOP-28
Package Number PWP
PIN DESCRIPTIONS
Pin
Name
Description
Application Information
1
SYNC
Synchronization signal output for
Connect this pin to the DIM pin of other LM3464/64A to enable cascade
cascade operation
operation (multiple device). This pin should leave open for single device
(Master-Slave configuration)
operation.
2
DIM
PWM dimming control
Apply logic level PWM signal to this pin controls the average brightness of the
LED string. (<1.25V disable output).
3
Thermal
Thermal sensor input
Connect thermal sensor to this pin with bias accordingly to facilitate thermal
foldback and control the brightness of the LED array.
4
Thermal_Cap
Thermal dimming ramp capacitor
Connect a capacitor across this pin and GND to define the thermal dimming
frequency.
5
VDHC
Head room control
Apply external voltage across this pin and ground to define the minimum drain
voltage. This pin is internal biased at 0.9V.
6
DMIN
Minimum thermal dimming duty
The voltage across this pin and GND defines the minimum thermal dimming
control
duty cycle.
7
Faultb
Fault signal output
Open Drain output, pull-down when FAULT condition occurred.
8
AGND
Signal ground
Analog ground connection for internal circuitry. Must be connected to PGND
external to the package.
9
FAULT_CAP
Fault delay capacitor
Connect to an external capacitor to program the fault response time.
10
CDHC
DHC time constant capacitor
An external capacitor to ground programs the Dynamic Headroom Control loop
response time
11
OutP
DHC Output
Connect this pin to the voltage feedback input of primary power supply to
facilitate dynamic headroom control.
12
VLedFB
Output voltage sense input
This pin senses the output voltage of the primary power supply.
13
VCC
Internal regulator output
This pin is the output terminal of the internal voltage regulator and should be
bypassed by a high quality 1uF ceramic capacitor.
14
EN
Enable input
This pin serves as device enable input when logic level signal is applied. (Active
high with internal pull-up)
15
VIN
Supply voltage
The input voltage should be in the range of 12V to 80V for LM3464, 12–95V for
LM3464A
16
DR4
Channel 4 drain sense input
This pin senses the drain voltage of the external MOSFET of channel 4 to
facilitate DHC operation and fault detection.
17
DR3
Channel 3 drain sense input
This pin senses the drain voltage of the external MOSFET of channel 3 to
facilitate DHC operation and fault detection.
18
DR2
Channel 2 drain sense input
This pin senses the drain voltage of the external MOSFET of channel 2 to
facilitate DHC operation and fault detection.
2
Submit Documentation Feedback
Copyright © 2010–2013, Texas Instruments Incorporated
Product Folder Links: LM3464 LM3464A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com