Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LM3464AMHX/NOPB Datasheet(PDF) 21 Page - Texas Instruments

Part # LM3464AMHX/NOPB
Description  LED Driver with Dynamic Headroom Control and Thermal Control Interfaces
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM3464AMHX/NOPB Datasheet(HTML) 21 Page - Texas Instruments

Back Button LM3464AMHX/NOPB Datasheet HTML 17Page - Texas Instruments LM3464AMHX/NOPB Datasheet HTML 18Page - Texas Instruments LM3464AMHX/NOPB Datasheet HTML 19Page - Texas Instruments LM3464AMHX/NOPB Datasheet HTML 20Page - Texas Instruments LM3464AMHX/NOPB Datasheet HTML 21Page - Texas Instruments LM3464AMHX/NOPB Datasheet HTML 22Page - Texas Instruments LM3464AMHX/NOPB Datasheet HTML 23Page - Texas Instruments LM3464AMHX/NOPB Datasheet HTML 24Page - Texas Instruments LM3464AMHX/NOPB Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 34 page
background image
LM3464, LM3464A
www.ti.com
SNVS652F – APRIL 2010 – REVISED MAY 2013
Figure 26. Additional Voltage Clamping Circuits for VRAIL(peak) > 80V/95V (LM3464/64A)
APPLICATIONS WITH HIGH RAIL VOLTAGE
The normal operation voltage of the LM3464 and LM3464A are rated to 80V and 95V respectively, applying
voltage over the operation voltage limit to the LM3464/64A can damage the device permanently. In applications
that the rail voltage is higher than the operation voltage limited of the device (80V for LM3464, 95V for
LM3464A), voltage clamping circuits must be added externally to ensure the voltage limits of all the pins of the
LM3464/64A are not violated. Figure 26 shows a typical application circuit with 150V peak rail voltage.
Copyright © 2010–2013, Texas Instruments Incorporated
Submit Documentation Feedback
21
Product Folder Links: LM3464 LM3464A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com