Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LM3478MA/NOPB.B Datasheet(PDF) 14 Page - Texas Instruments

Part # LM3478MA/NOPB.B
Description  LM3478 High-Efficiency Low-Side N-Channel Controller for Switching Regulator
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM3478MA/NOPB.B Datasheet(HTML) 14 Page - Texas Instruments

Back Button LM3478MA/NOPB.B Datasheet HTML 10Page - Texas Instruments LM3478MA/NOPB.B Datasheet HTML 11Page - Texas Instruments LM3478MA/NOPB.B Datasheet HTML 12Page - Texas Instruments LM3478MA/NOPB.B Datasheet HTML 13Page - Texas Instruments LM3478MA/NOPB.B Datasheet HTML 14Page - Texas Instruments LM3478MA/NOPB.B Datasheet HTML 15Page - Texas Instruments LM3478MA/NOPB.B Datasheet HTML 16Page - Texas Instruments LM3478MA/NOPB.B Datasheet HTML 17Page - Texas Instruments LM3478MA/NOPB.B Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 43 page
background image
LM3478
DR
ISEN
RSEN
Q
RSL
'In =
Sf - Se
Sn + Se
'In-1
14
LM3478
SNVS085X – JULY 2000 – REVISED DECEMBER 2017
www.ti.com
Product Folder Links: LM3478
Submit Documentation Feedback
Copyright © 2000–2017, Texas Instruments Incorporated
Feature Description (continued)
(1)
Hence, if the quantity (Sf - Se)/(Sn + Se) is greater than 1, the inductor current diverges and sub-harmonic
oscillation results. This counts for all current mode topologies. The LM3478 has some internal slope
compensation VSL which is enough for many applications above 50% duty cycle to avoid sub-harmonic
oscillation .
For boost applications, the slopes Se, Sf and Sn can be calculated with Equation 2, Equation 3, and Equation 4.
Se = VSL x fs
(2)
Sf = Rsen x (VOUT - VIN)/L
(3)
Sn = VIN x Rsen/L
(4)
When Se increases, then the factor that determines if sub-harmonic oscillation will occur decreases. When the
duty cycle is greater than 50%, and the inductance becomes less, the factor increases.
For more flexibility, slope compensation can be increased by adding one external resistor, RSL, in the ISEN's path.
Figure 23 shows the setup. The externally generated slope compensation is then added to the internal slope
compensation of the LM3478. When using external slope compensation, the formula for Se becomes:
Se = (VSL + (K x RSL)) x fs
(5)
A typical value for factor K is 40 µA.
The factor changes with switching frequency. Figure 24 is used to determine the factor K for individual
applications and Equation 6 gives the factor K.
K = ΔVSL / RSL
(6)
It is a good design practice to only add as much slope compensation as needed to avoid sub-harmonic
oscillation. Additional slope compensation minimizes the influence of the sensed current in the control loop. With
very large slope compensation the control loop characteristics are similar to a voltage mode regulator which
compares the error voltage to a saw tooth waveform rather than the inductor current.
Figure 23. Adding External Slope Compensation
Figure 24. External Slope Compensation
ΔVSL vs RSL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com