Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LM3478MA/NOPB.B Datasheet(PDF) 27 Page - Texas Instruments

Part # LM3478MA/NOPB.B
Description  LM3478 High-Efficiency Low-Side N-Channel Controller for Switching Regulator
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM3478MA/NOPB.B Datasheet(HTML) 27 Page - Texas Instruments

Back Button LM3478MA/NOPB.B Datasheet HTML 23Page - Texas Instruments LM3478MA/NOPB.B Datasheet HTML 24Page - Texas Instruments LM3478MA/NOPB.B Datasheet HTML 25Page - Texas Instruments LM3478MA/NOPB.B Datasheet HTML 26Page - Texas Instruments LM3478MA/NOPB.B Datasheet HTML 27Page - Texas Instruments LM3478MA/NOPB.B Datasheet HTML 28Page - Texas Instruments LM3478MA/NOPB.B Datasheet HTML 29Page - Texas Instruments LM3478MA/NOPB.B Datasheet HTML 30Page - Texas Instruments LM3478MA/NOPB.B Datasheet HTML 31Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 43 page
background image
IRMS =
ISWPK
2 - I
SWPK (
'IL1 + 'IL2)+ ('IL1 + 'IL2)
2
3
(1-D) - IOUT
2
27
LM3478
www.ti.com
SNVS085X – JULY 2000 – REVISED DECEMBER 2017
Product Folder Links: LM3478
Submit Documentation Feedback
Copyright © 2000–2017, Texas Instruments Incorporated
Typical Applications (continued)
8.2.2.2.6
Input Capacitor Selection
Similar to a boost converter, the SEPIC has an inductor at the input. Hence, the input current waveform is
continuous and triangular. The inductor ensures that the input capacitor sees fairly low ripple currents. However,
as the input capacitor gets smaller, the input ripple goes up. The RMS current in the input capacitor is given
using Equation 54.
(54)
The input capacitor should be capable of handling the RMS current. Although the input capacitor is not as critical
in a boost application, low values can cause impedance interactions. Therefore a good quality capacitor should
be chosen in the range of 10µF to 20µF. If a value lower than 10 µF is used, then problems with impedance
interactions or switching noise can affect the LM3478. To improve performance, especially with VIN below 8 volts,
TI recommends that the user uses a 20Ω resistor at the input to provide a RC filter. The resistor is placed in
series with the VIN pin with only a bypass capacitor attached to the VIN pin directly (see Figure 31). A 0.1-µF or 1-
µF ceramic capacitor is necessary in this configuration. The bulk input capacitor and inductor will connect on the
other side of the resistor with the input power supply.
8.2.2.2.7
Output Capacitor Selection
The output capacitor of the SEPIC sees very large ripple currents (similar to the output capacitor of a boost
converter). The RMS current through the output capacitor is given using Equation 55.
(55)
The ESR and ESL of the output capacitor directly control the output ripple. Use low capacitors with low ESR and
ESL at the output for high efficiency and low ripple voltage. Surface mount tantalums, surface mount polymer
electrolytic and polymer tantalum, Sanyo-OSCON, or multi-layer ceramic capacitors are recommended at the
output for low ripple.
8.2.2.3 Application Curves
Figure 35. Efficiency vs Load Current (3.3-V In and 12-V
Out)
Figure 36. Efficiency vs Load Current (5-V In and 12-V Out)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com