Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LM92CIM/NOPB Datasheet(PDF) 13 Page - Texas Instruments

Part # LM92CIM/NOPB
Description  ±0.33°C Accurate, 12-Bit Sign Temperature Sensor and Thermal Window Comparator With Two-Wire Interface
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM92CIM/NOPB Datasheet(HTML) 13 Page - Texas Instruments

Back Button LM92CIM/NOPB Datasheet HTML 9Page - Texas Instruments LM92CIM/NOPB Datasheet HTML 10Page - Texas Instruments LM92CIM/NOPB Datasheet HTML 11Page - Texas Instruments LM92CIM/NOPB Datasheet HTML 12Page - Texas Instruments LM92CIM/NOPB Datasheet HTML 13Page - Texas Instruments LM92CIM/NOPB Datasheet HTML 14Page - Texas Instruments LM92CIM/NOPB Datasheet HTML 15Page - Texas Instruments LM92CIM/NOPB Datasheet HTML 16Page - Texas Instruments LM92CIM/NOPB Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 28 page
background image
LM92
www.ti.com
SNIS110D – MARCH 2000 – REVISED MARCH 2013
Figure 9. Inadvertent 8-Bit Read from 16-Bit Register where D7 is Zero (“0”)
POINTER REGISTER
(Selects which registers will be read from or written to):
P7
P6
P5
P4
P3
P2
P1
P0
0
0
0
0
0
Register Select
P0–P2: Register Select:
P2
P1
P0
Register
0
0
0
Temperature (Read only) (Power-up default)
0
0
1
Configuration (Read/Write)
0
1
0
THYST (Read/Write)
0
1
1
T_CRIT (Read/Write)
1
0
0
TLOW (Read/Write)
1
0
1
THIGH (Read/Write)
1
1
1
Manufacturer's ID
P3–P7: Must be kept zero.
TEMPERATURE REGISTER
Table 3. (Read Only):
D15
D14
D13
D12
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
Sign
MSB
Bit 10
Bit 9
Bit 8
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
CRIT
HIGH
LOW
Status Bits
D0–D2: Status Bits
D3–D15: Temperature Data. One LSB = 0.0625°C. Two's complement format.
CONFIGURATION REGISTER
Table 4. (Read/Write):
D7
D6
D5
D4
D3
D2
D1
D0
0
0
0
Fault Queue
INT Polarity
T_CRIT_A
INT Mode
Shutdown
Polarity
D0: Shutdown - When set to 1 the LM92 goes to low power shutdown mode. Power up default of “0”.
D1: Interrupt mode - 0 is Comparator Interrupt mode, 1 is Event Interrupt mode. Power up default of “0”.
D2, D3: T_CRIT_A and INT Polarity - 0 is active low, 1 is active high. Outputs are open-drain. Power up default
of “0”
D4: Fault Queue - When set to 1 the Fault Queue is enabled, see FAULT QUEUE. Power up default of “0”.
D5–D7: These bits are used for production testing and must be kept zero for normal operation.
Copyright © 2000–2013, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Links: LM92



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com