Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LM92CIM/NOPB Datasheet(PDF) 2 Page - Texas Instruments

Part # LM92CIM/NOPB
Description  ±0.33°C Accurate, 12-Bit Sign Temperature Sensor and Thermal Window Comparator With Two-Wire Interface
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM92CIM/NOPB Datasheet(HTML) 2 Page - Texas Instruments

  LM92CIM/NOPB Datasheet HTML 1Page - Texas Instruments LM92CIM/NOPB Datasheet HTML 2Page - Texas Instruments LM92CIM/NOPB Datasheet HTML 3Page - Texas Instruments LM92CIM/NOPB Datasheet HTML 4Page - Texas Instruments LM92CIM/NOPB Datasheet HTML 5Page - Texas Instruments LM92CIM/NOPB Datasheet HTML 6Page - Texas Instruments LM92CIM/NOPB Datasheet HTML 7Page - Texas Instruments LM92CIM/NOPB Datasheet HTML 8Page - Texas Instruments LM92CIM/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 28 page
background image
LM92
SNIS110D – MARCH 2000 – REVISED MARCH 2013
www.ti.com
Simplified Block Diagram
Connection Diagram
SOIC
See Package Number D (R-PDSO-G8)
Pin Description
Label
Pin No.
Function
Typical Connection
SDA
1
Serial Bi-Directional Data Line. Open Drain Output
From Controller
SCL
2
Serial Bus Clock Input
From Controller
T_CRIT_A
3
Critical Temperature Alarm Open Drain Output
Pull Up Resistor, Controller Interrupt Line or System
Hardware Shutdown
GND
4
Power Supply Ground
Ground
INT
5
Interrupt Open Drain Output
Pull Up Resistor, Controller Interrupt Line
+V S
8
Positive Supply Voltage Input
DC Voltage from 2.7V to 5.5V
A0–A1
7,6
User-Set Address Inputs
Ground (Low, “0”) or +VS (High, “1”)
2
Submit Documentation Feedback
Copyright © 2000–2013, Texas Instruments Incorporated
Product Folder Links: LM92



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com