Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CF0 Datasheet(PDF) 9 Page - YAGEO Corporation

Part # CF0
Description  CARBON FILM RESISTORS
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YAGEO [YAGEO Corporation]
Direct Link  http://www.yageo.com
Logo YAGEO - YAGEO Corporation

CF0 Datasheet(HTML) 9 Page - YAGEO Corporation

Back Button CF0 Datasheet HTML 4Page - YAGEO Corporation CF0 Datasheet HTML 5Page - YAGEO Corporation CF0 Datasheet HTML 6Page - YAGEO Corporation CF0 Datasheet HTML 7Page - YAGEO Corporation CF0 Datasheet HTML 8Page - YAGEO Corporation CF0 Datasheet HTML 9Page - YAGEO Corporation CF0 Datasheet HTML 10Page - YAGEO Corporation CF0 Datasheet HTML 11Page - YAGEO Corporation CF0 Datasheet HTML 12Page - YAGEO Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
www.yageo.com
Apr. 03, 2024
V.2
Carbon Film Resistors
9
12
Product Specification
CF0
Through Hole Resistors
FT TYPE ( Taping Pack )
MT TYPE ( Taping Pack )
Rated Watts : 0.4W
TYPE
DIMENSIONS
Unit: mm
Miniature
H1
Max.
H2
Max.
H3
Max.
CF0207
10
18.5
8.5
PN TYPE ( Taping Pack )
AV TYPE ( Taping Pack )
TYPE
DIMENSIONS
Unit: mm
Miniature
H1
Max.
H2
Max.
H3
Max.
CF0207
13
21.5
8.5
TYPE
DIMENSIONS
Unit: mm
Miniature
H1
Max.
H2
Max.
H3
Max.
CF0207
11.5
20
8.5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com