Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CF0 Datasheet(PDF) 10 Page - YAGEO Corporation

Part # CF0
Description  CARBON FILM RESISTORS
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YAGEO [YAGEO Corporation]
Direct Link  http://www.yageo.com
Logo YAGEO - YAGEO Corporation

CF0 Datasheet(HTML) 10 Page - YAGEO Corporation

Back Button CF0 Datasheet HTML 4Page - YAGEO Corporation CF0 Datasheet HTML 5Page - YAGEO Corporation CF0 Datasheet HTML 6Page - YAGEO Corporation CF0 Datasheet HTML 7Page - YAGEO Corporation CF0 Datasheet HTML 8Page - YAGEO Corporation CF0 Datasheet HTML 9Page - YAGEO Corporation CF0 Datasheet HTML 10Page - YAGEO Corporation CF0 Datasheet HTML 11Page - YAGEO Corporation CF0 Datasheet HTML 12Page - YAGEO Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
www.yageo.com
Apr. 03, 2024
V.2
Carbon Film Resistors
10
12
Product Specification
CF0
Through Hole Resistors
MARKING
COLOR
1st BAND
2nd BAND
3rd BAND
MULTIPLIER
TOLERANCE
BLACK
0
0
0
1Ω
BROWN
1
1
1
10Ω
RED
2
2
2
100Ω
± 2%
( G )
ORANGE
3
3
3
1KΩ
YELLOW
4
4
4
10KΩ
GREEN
5
5
5
100K
BLUE
6
6
6
1MΩ
VIOLET
7
7
7
10MΩ
GREY
8
8
8
0.001Ω
WHITE
9
9
9
0.0001Ω
GOLD
0.1Ω
± 5 %
( J )
SILVER
0.01Ω
4-BAND-CODE
±2%, ±5%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com