Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LMP7717MA/NOPB.A Datasheet(PDF) 22 Page - Texas Instruments

Part # LMP7717MA/NOPB.A
Description  88 MHz, Precision, Low Noise, 1.8V CMOS Input, Decompensated Operational Amplifier
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LMP7717MA/NOPB.A Datasheet(HTML) 22 Page - Texas Instruments

Back Button LMP7717MA/NOPB.A Datasheet HTML 18Page - Texas Instruments LMP7717MA/NOPB.A Datasheet HTML 19Page - Texas Instruments LMP7717MA/NOPB.A Datasheet HTML 20Page - Texas Instruments LMP7717MA/NOPB.A Datasheet HTML 21Page - Texas Instruments LMP7717MA/NOPB.A Datasheet HTML 22Page - Texas Instruments LMP7717MA/NOPB.A Datasheet HTML 23Page - Texas Instruments LMP7717MA/NOPB.A Datasheet HTML 24Page - Texas Instruments LMP7717MA/NOPB.A Datasheet HTML 25Page - Texas Instruments LMP7717MA/NOPB.A Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 42 page
background image
1 +
RF
Rc
¨
¨
©
§
= 18 dB = 7.9
LMP7717
RP
RC
C
RF
-
+
LMP7717, LMP7718
SNOSAY7H – MARCH 2007 – REVISED MARCH 2013
www.ti.com
Figure 58. LMP7717 with Lead-Lag Compensation for Non-Inverting Configuration
Figure 58 is the result of using Equation 5 and additional experimentation in the lab. RP is not part of Equation 5,
but it is necessary to introduce another pole at the input stage for good performance at gain = +1. Equation 5 is
shown below with RIN = ∞.
(11)
Using 2 k
Ω for RF and solving for RC gives RC = 2000/6.9 = 290Ω. The closest standard value for RC is 300Ω.
After some fine tuning in the lab RC = 330Ω and RP = 1.5 kΩ were chosen as the optimum values. RP together
with the input capacitance at the non-inverting pin inserts another pole into the compensation for the LMP7717.
Adding this pole and slightly reducing the compensation for 1/F (using a slightly higher resistor value for RC)
gives the optimum response for a gain of +1. Figure 59 is the response of the circuit shown in Figure 58.
Figure 60 shows the response of the LMP7715 in the buffer configuration with no compensation and RP = RF = 0.
Figure 59. RC = 330Ω and C = 10 nF, Gain = +1
22
Submit Documentation Feedback
Copyright © 2007–2013, Texas Instruments Incorporated
Product Folder Links: LMP7717 LMP7718



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com