Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LMP7717MA/NOPB.A Datasheet(PDF) 28 Page - Texas Instruments

Part # LMP7717MA/NOPB.A
Description  88 MHz, Precision, Low Noise, 1.8V CMOS Input, Decompensated Operational Amplifier
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LMP7717MA/NOPB.A Datasheet(HTML) 28 Page - Texas Instruments

Back Button LMP7717MA/NOPB.A Datasheet HTML 24Page - Texas Instruments LMP7717MA/NOPB.A Datasheet HTML 25Page - Texas Instruments LMP7717MA/NOPB.A Datasheet HTML 26Page - Texas Instruments LMP7717MA/NOPB.A Datasheet HTML 27Page - Texas Instruments LMP7717MA/NOPB.A Datasheet HTML 28Page - Texas Instruments LMP7717MA/NOPB.A Datasheet HTML 29Page - Texas Instruments LMP7717MA/NOPB.A Datasheet HTML 30Page - Texas Instruments LMP7717MA/NOPB.A Datasheet HTML 31Page - Texas Instruments LMP7717MA/NOPB.A Datasheet HTML 32Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 42 page
background image
PACKAGE OPTION ADDENDUM
www.ti.com
23-May-2025
PACKAGING INFORMATION
Orderable part number
Status
(1)
Material type
(2)
Package | Pins
Package qty | Carrier
RoHS
(3)
Lead finish/
Ball material
(4)
MSL rating/
Peak reflow
(5)
Op temp (°C)
Part marking
(6)
LMP7717MA/NOPB
Active
Production
SOIC (D) | 8
95 | TUBE
Yes
SN
Level-1-260C-UNLIM
-40 to 125
LMP77
17MA
LMP7717MA/NOPB.A
Active
Production
SOIC (D) | 8
95 | TUBE
Yes
SN
Level-1-260C-UNLIM
-40 to 125
LMP77
17MA
LMP7717MAE/NOPB
Active
Production
SOIC (D) | 8
250 | SMALL T&R
Yes
SN
Level-1-260C-UNLIM
-40 to 125
LMP77
17MA
LMP7717MAE/NOPB.A
Active
Production
SOIC (D) | 8
250 | SMALL T&R
Yes
SN
Level-1-260C-UNLIM
-40 to 125
LMP77
17MA
LMP7717MF/NOPB
Active
Production
SOT-23 (DBV) | 5
1000 | SMALL T&R
Yes
SN
Level-1-260C-UNLIM
-40 to 125
AT4A
LMP7717MF/NOPB.A
Active
Production
SOT-23 (DBV) | 5
1000 | SMALL T&R
Yes
SN
Level-1-260C-UNLIM
-40 to 125
AT4A
LMP7717MFE/NOPB
Active
Production
SOT-23 (DBV) | 5
250 | SMALL T&R
Yes
SN
Level-1-260C-UNLIM
-40 to 125
AT4A
LMP7717MFE/NOPB.A
Active
Production
SOT-23 (DBV) | 5
250 | SMALL T&R
Yes
SN
Level-1-260C-UNLIM
-40 to 125
AT4A
LMP7717MFX/NOPB
Active
Production
SOT-23 (DBV) | 5
3000 | LARGE T&R
Yes
SN
Level-1-260C-UNLIM
-40 to 125
AT4A
LMP7717MFX/NOPB.A
Active
Production
SOT-23 (DBV) | 5
3000 | LARGE T&R
Yes
SN
Level-1-260C-UNLIM
-40 to 125
AT4A
LMP7718MA/NOPB
Active
Production
SOIC (D) | 8
95 | TUBE
Yes
SN
Level-1-260C-UNLIM
-40 to 125
LMP77
18MA
LMP7718MA/NOPB.A
Active
Production
SOIC (D) | 8
95 | TUBE
Yes
SN
Level-1-260C-UNLIM
-40 to 125
LMP77
18MA
LMP7718MAE/NOPB
Active
Production
SOIC (D) | 8
250 | SMALL T&R
Yes
SN
Level-1-260C-UNLIM
-40 to 125
LMP77
18MA
LMP7718MAE/NOPB.A
Active
Production
SOIC (D) | 8
250 | SMALL T&R
Yes
SN
Level-1-260C-UNLIM
-40 to 125
LMP77
18MA
LMP7718MAX/NOPB
Active
Production
SOIC (D) | 8
2500 | LARGE T&R
Yes
SN
Level-1-260C-UNLIM
-40 to 125
LMP77
18MA
LMP7718MAX/NOPB.A
Active
Production
SOIC (D) | 8
2500 | LARGE T&R
Yes
SN
Level-1-260C-UNLIM
-40 to 125
LMP77
18MA
LMP7718MM/NOPB
Active
Production
VSSOP (DGK) | 8
1000 | SMALL T&R
Yes
SN
Level-1-260C-UNLIM
-40 to 125
AP4A
LMP7718MM/NOPB.A
Active
Production
VSSOP (DGK) | 8
1000 | SMALL T&R
Yes
SN
Level-1-260C-UNLIM
-40 to 125
AP4A
LMP7718MME/NOPB
Active
Production
VSSOP (DGK) | 8
250 | SMALL T&R
Yes
SN
Level-1-260C-UNLIM
-40 to 125
AP4A
LMP7718MME/NOPB.A
Active
Production
VSSOP (DGK) | 8
250 | SMALL T&R
Yes
SN
Level-1-260C-UNLIM
-40 to 125
AP4A
(1) Status: For more details on status, see our product life cycle.
Addendum-Page 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com