Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TV10DB13-P9 Datasheet(PDF) 1 Page - Amphenol PCD, Inc

Part # TV10DB13-P9
Description  HIGH DENSITY INTERCONNECTS
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPHENOLPCD [Amphenol PCD, Inc]
Direct Link  https://www.amphenolpcd.com/
Logo AMPHENOLPCD - Amphenol PCD, Inc

TV10DB13-P9 Datasheet(HTML) 1 Page - Amphenol PCD, Inc

  TV10DB13-P9 Datasheet HTML 1Page - Amphenol PCD, Inc TV10DB13-P9 Datasheet HTML 2Page - Amphenol PCD, Inc TV10DB13-P9 Datasheet HTML 3Page - Amphenol PCD, Inc TV10DB13-P9 Datasheet HTML 4Page - Amphenol PCD, Inc TV10DB13-P9 Datasheet HTML 5Page - Amphenol PCD, Inc TV10DB13-P9 Datasheet HTML 6Page - Amphenol PCD, Inc TV10DB13-P9 Datasheet HTML 7Page - Amphenol PCD, Inc TV10DB13-P9 Datasheet HTML 8Page - Amphenol PCD, Inc TV10DB13-P9 Datasheet HTML 9Page - Amphenol PCD, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
Nick Lidell • Phone: (607) 563-5655 • Email: nlidell@amphenol-aao.com
www.amphenol-aerospace.com
PDS-229-2
PDS-208-27
HIGH DENSITY INTERCONNECTS
HD38999
A CONNECTOR WITH AS FEW AS 9 CONTACTS AND AS MANY AS 187.
The HD38999 family of connectors has 30% more contact density than the highest density Mil Spec 38999
connectors of its size. This series of connectors was designed to utilize mil-specified 38999 components with the
exception of the contacts and inserts arrangement. Utilizing existing mil-qualified 39029 size 23 contacts and 38999
insert materials, these connectors are essentially a drop-in replacement for the standard 38999 connector.
This connector design benefits users in a couple of different ways. For those users who need to increase the
amount of contacts in their application, the HD38999 series allows them to do so without increasing the size of
their connector. For users who are looking to decrease the overall size of their system, they can do so by using
smaller shell sizes without decreasing the number of contacts.
Amphenol has qualified this series of connectors to the requirements of MIL-DTL-38999. Amphenol also
manufacturers this high density series in Filter, Hermetic and customized versions to fit our customer’s needs.
Please contact us if additional information is required.
18
29
32
1
12
7
3
8
15
24
16
25
33
42
50
59
67
72
73
71
66
58
49
41
32
8
2
1
9
7
3
5
4
6


Similar Part No. - TV10DB13-P9

ManufacturerPart #DatasheetDescription
logo
Electronic devices inc.
TV10 EDI-TV10 Datasheet
41Kb / 2P
HIGH VOLTAGE SILICON RECTIFIERS
logo
New Jersey Semi-Conduct...
TV10 NJSEMI-TV10 Datasheet
48Kb / 2P
High Voltage Silicon Rectifier
logo
List of Unclassifed Man...
TV100 ETC-TV100 Datasheet
114Kb / 1P
TO-220 HEAT SINKS
logo
Vishay Barry
TV1005AS-50R0GN-91 BARRY-TV1005AS-50R0GN-91 Datasheet
150Kb / 2P
DC - 6GHz 5W Al2O3 Chip Termination
REV.A NOV 14 2018
TV1005AS-50R0GN-91TR BARRY-TV1005AS-50R0GN-91TR Datasheet
150Kb / 2P
DC - 6GHz 5W Al2O3 Chip Termination
REV.A NOV 14 2018
More results

Similar Description - TV10DB13-P9

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65HVD10DG4 TI-SN65HVD10DG4 Datasheet
559Kb / 28P
Chassis-to-Chassis Interconnects
logo
CTS Corporation
753 CTS-753_16 Datasheet
189Kb / 4P
High Density Packaging
logo
Vicor Corporation
BCM48BX060Y240A00 VICOR-BCM48BX060Y240A00 Datasheet
790Kb / 20P
High power density
BCM352X110Y300B00 VICOR-BCM352X110Y300B00 Datasheet
854Kb / 21P
High power density
MIL-COTS VICOR-MIL-COTS Datasheet
1Mb / 10P
High density
logo
List of Unclassifed Man...
FK22PL ETC2-FK22PL Datasheet
78Kb / 2P
High Density Connectors High Density Steckverbinder
logo
TE Connectivity Ltd
1-1773719-1 TEC-1-1773719-1 Datasheet
663Kb / 5P
Inverted Thru Board Interconnects
5-1773463-0 TEC-5-1773463-0 Datasheet
3Mb / 10P
QSFP28/56 and zQSFP Interconnects
logo
Amphenol Corporation
HD38999 AMPHENOL-HD38999 Datasheet
1Mb / 12P
HIGH DENSITY INTERCONNECTS
logo
Samtec, Inc
2854182 SAMTEC-2854182 Datasheet
575Kb / 2P
(2.00 mm) .0787" PITCH • HIGH-RELIABILITY CABLE INTERCONNECTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com