Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TV10DB13-P9 Datasheet(PDF) 11 Page - Amphenol PCD, Inc

Part # TV10DB13-P9
Description  HIGH DENSITY INTERCONNECTS
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPHENOLPCD [Amphenol PCD, Inc]
Direct Link  https://www.amphenolpcd.com/
Logo AMPHENOLPCD - Amphenol PCD, Inc

TV10DB13-P9 Datasheet(HTML) 11 Page - Amphenol PCD, Inc

Back Button TV10DB13-P9 Datasheet HTML 4Page - Amphenol PCD, Inc TV10DB13-P9 Datasheet HTML 5Page - Amphenol PCD, Inc TV10DB13-P9 Datasheet HTML 6Page - Amphenol PCD, Inc TV10DB13-P9 Datasheet HTML 7Page - Amphenol PCD, Inc TV10DB13-P9 Datasheet HTML 8Page - Amphenol PCD, Inc TV10DB13-P9 Datasheet HTML 9Page - Amphenol PCD, Inc TV10DB13-P9 Datasheet HTML 10Page - Amphenol PCD, Inc TV10DB13-P9 Datasheet HTML 11Page - Amphenol PCD, Inc TV10DB13-P9 Datasheet HTML 12Page - Amphenol PCD, Inc  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
Nick Lidell • Phone: (607) 563-5655 • Email: nlidell@amphenol-aao.com
www.amphenol-aerospace.com
STRAIGHT PLUG
TV06(
) - CRIMP, METAL
CTV06(
) - CRIMP, COMPOSITE
1.263 MAX
1.220 MAX
B THREAD
V THREAD
.359 MAX
.359 MAX
.591 +.003
–.000
BLUE BAND †
1.263 MAX
Q
–A–
V THREAD
.591 +.003
–.000 –A–
Q
B THREAD
BLUE BAND †
METAL
COMPOSITE
Shell
Size
MS Shell Size
Code
B Thread
0.1P-0.3L-TS-2B
(Plated)
Q Dia. Max.
9
A
.6250
 .858
11
B
.7500
 .984
13
C
.8750
1.157
15
D
1.0000
1.280
17
E
1.1875
1.406
19
F
1.2500
1.516
21
G
1.3750
1.642
23
H
1.5000
1.768
25
J
1.6250
1.890
† Blue band indicates rear release contact retention system
STRAIGHT PLUG WITH INTEGRAL BACKSHELL
TV96(
) (TV TYPE) - CRIMP, METAL
This MIL-DTL-38999 Series III style connector features an integral backshell design that eliminates
the need for costly backshell accessories. The backshell feature is incorporated into the rear of the
connector shell, allowing the user to attach the shield of their cable directly to the connector. This
provides superior EMI shielding and ease for overmold applications. The straight plug with integral
backshell is available in aluminum shells with OD Cad or Electroless Nickel plating.
Shell
Size
MS Shell
Size Code
A
Max.
B
+.005
–.000
C
+.003
–.002
9
A
.859
.416
.472
11
B
.969
.524
.580
13
C
1.141
.652
.708
15
D
1.266
.810
.866
17
E
1.391
.928
.984
19
F
1.500
1.046
1.102
21
G
1.625
1.164
1.220
23
H
1.750
1.282
1.338
25
J
1.875
1.400
1.456
See how to build a part number on pages 2
† Blue band indicates rear release contact
retention system.
A DIA.
B
2 PLACES
C
2 PLACES
1.600
MAX.
.500 ±.002
.313 ±.002
+.001
–.002
.376
+.001
–.002
.063
BLUE BAND†



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com