Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LMV793MA/NOPB Datasheet(PDF) 3 Page - Texas Instruments

Part # LMV793MA/NOPB
Description  LMV793/LMV794 88 MHz, Low Noise, 1.8V CMOS Input, Decompensated Operational Amplifiers
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LMV793MA/NOPB Datasheet(HTML) 3 Page - Texas Instruments

  LMV793MA/NOPB Datasheet HTML 1Page - Texas Instruments LMV793MA/NOPB Datasheet HTML 2Page - Texas Instruments LMV793MA/NOPB Datasheet HTML 3Page - Texas Instruments LMV793MA/NOPB Datasheet HTML 4Page - Texas Instruments LMV793MA/NOPB Datasheet HTML 5Page - Texas Instruments LMV793MA/NOPB Datasheet HTML 6Page - Texas Instruments LMV793MA/NOPB Datasheet HTML 7Page - Texas Instruments LMV793MA/NOPB Datasheet HTML 8Page - Texas Instruments LMV793MA/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 39 page
background image
LMV793, LMV794
www.ti.com
SNOSAX6D – MARCH 2007 – REVISED MARCH 2013
2.5V Electrical Characteristics
(1) (continued)
Unless otherwise specified, all limits are specified for TA = 25°C, V
+ = 2.5V, V− = 0V, V
CM = V
+/2 = V
O. Boldface limits apply
at the temperature extremes.
Symbol
Parameter
Conditions
Min
Typ
Max
Units
(2)
(3)
(2)
IB
Input Bias Current
VCM = 1.0V
(5) (6)
−40°C ≤ TA ≤ 85°C
0.05
1
25
pA
−40°C ≤ TA ≤ 125°C
0.05
1
100
IOS
Input Offset Current
VCM = 1.0V
(6)
10
fA
CMRR
Common Mode Rejection Ratio
0V
≤ VCM ≤ 1.4V
80
94
dB
75
PSRR
Power Supply Rejection Ratio
2.0V
≤ V+ ≤ 5.5V, VCM = 0V
80
100
75
dB
1.8V
≤ V+ ≤ 5.5V, VCM = 0V
80
98
CMVR
Common Mode Voltage Range
CMRR
≥ 60 dB
−0.3
1.5
V
CMRR
≥ 55 dB
-0.3
1.5
AVOL
Open Loop Voltage Gain
VOUT = 0.15V to 2.2V, LMV793
85
98
RL = 2 kΩ to V
+/2
80
LMV794
82
92
dB
78
VOUT = 0.15V to 2.2V,
88
110
RL = 10 kΩ to V
+/2
84
VOUT
Output Voltage Swing High
RL = 2 kΩ to V
+/2
25
75
82
RL = 10 kΩ to V
+/2
20
65
71
mV from
either rail
Output Voltage Swing Low
RL = 2 kΩ to V
+/2
30
75
78
RL = 10 kΩ to V
+/2
15
65
67
IOUT
Output Current
Sourcing to V−
35
47
VIN = 200 mV
(7)
28
mA
Sinking to V+
7
15
VIN = –200 mV
(7)
5
IS
Supply Current Per Amplifier
LMV793
0.95
1.30
1.65
mA
LMV794
1.1
1.50
1.85
SR
Slew Rate
AV = +10, Rising (10% to 90%)
32
V/
μs
AV = +10, Falling (90% to 10%)
24
GBW
Gain Bandwidth
AV = +10, RL = 10 kΩ
88
MHz
en
Input Referred Voltage Noise Density
f = 1 kHz
6.2
nV/
√Hz
in
Input Referred Current Noise Density
f = 1 kHz
0.01
pA/
√Hz
THD+N
Total Harmonic Distortion + Noise
f = 1 kHz, AV = 1, RL = 600Ω
0.01
%
(5)
Positive current corresponds to current flowing into the device.
(6)
This parameter is specified by design and/or characterization and is not tested in production.
(7)
The short circuit test is a momentary test, the short circuit duration is 1.5 ms.
Copyright © 2007–2013, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: LMV793 LMV794



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com