Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LMV793MA/NOPB Datasheet(PDF) 12 Page - Texas Instruments

Part # LMV793MA/NOPB
Description  LMV793/LMV794 88 MHz, Low Noise, 1.8V CMOS Input, Decompensated Operational Amplifiers
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LMV793MA/NOPB Datasheet(HTML) 12 Page - Texas Instruments

Back Button LMV793MA/NOPB Datasheet HTML 8Page - Texas Instruments LMV793MA/NOPB Datasheet HTML 9Page - Texas Instruments LMV793MA/NOPB Datasheet HTML 10Page - Texas Instruments LMV793MA/NOPB Datasheet HTML 11Page - Texas Instruments LMV793MA/NOPB Datasheet HTML 12Page - Texas Instruments LMV793MA/NOPB Datasheet HTML 13Page - Texas Instruments LMV793MA/NOPB Datasheet HTML 14Page - Texas Instruments LMV793MA/NOPB Datasheet HTML 15Page - Texas Instruments LMV793MA/NOPB Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 39 page
background image
LMV793, LMV794
SNOSAX6D – MARCH 2007 – REVISED MARCH 2013
www.ti.com
APPLICATION INFORMATION
ADVANTAGES OF THE LMV793/LMV794
Wide Bandwidth at Low Supply Current
The LMV793/LMV794 are high performance op amps that provide a GBW of 88 MHz with a gain of 10 while
drawing a low supply current of 1.15 mA. This makes them ideal for providing wideband amplification in data
acquisition applications.
With the proper external compensation the LMV793/LMV794 can be operated at gains of ±1 and still maintain
much faster slew rates than comparable unity gain stable amplifiers. The increase in bandwidth and slew rate is
obtained without any additional power consumption over the LMV796.
Low Input Referred Noise and Low Input Bias Current
The LMV793/LMV794 have a very low input referred voltage noise density (5.8 nV/
√Hz at 1 kHz). A CMOS input
stage ensures a small input bias current (100 fA) and low input referred current noise (0.01 pA/
√Hz). This is very
helpful in maintaining signal integrity, and makes the LMV793/LMV794 ideal for audio and sensor based
applications.
Low Supply Voltage
The LMV793 and LMV794 have performance specified at 2.5V and 5V supply. These parts are specified to be
operational at all supply voltages between 2.0V and 5.5V, for ambient temperatures ranging from
−40°C to
125°C, thus utilizing the entire battery lifetime. The LMV793/LMV794 are also specified to be operational at 1.8V
supply voltage, for temperatures between 0°C and 125°C optimizing their usage in low-voltage applications.
RRO and Ground Sensing
Rail-to-rail output swing provides the maximum possible dynamic range. This is particularly important when
operating at low supply voltages. An innovative positive feedback scheme is used to boost the current drive
capability of the output stage. This allows the LMV793/LMV794 to source more than 40 mA of current at 1.8V
supply. This also limits the performance of these parts as comparators, and hence the usage of the LMV793 and
the LMV794 in an open-loop configuration is not recommended. The input common-mode range includes the
negative supply rail which allows direct sensing at ground in single supply operation.
Small Size
The small footprint of the LMV793 and the LMV794 package saves space on printed circuit boards, and enables
the design of smaller electronic products, such as cellular phones, pagers, or other portable systems. Long
traces between the signal source and the op amp make the signal path more susceptible to noise pick up.
The physically smaller LMV793/LMV794 packages, allow the op amp to be placed closer to the signal source,
thus reducing noise pickup and maintaining signal integrity.
USING THE DECOMPENSATED LMV793
Advantages of Decompensated Op Amps
A unity gain stable op amp, which is fully compensated, is designed to operate with good stability down to gains
of ±1. The large amount of compensation does provide an op amp that is relatively easy to use; however, a
decompensated op amp is designed to maximize the bandwidth and slew rate without any additional power
consumption. This can be very advantageous.
The LMV793/LMV794 require a gain of ±10 to be stable. However, with an external compensation network (a
simple RC network) these parts can be stable with gains of ±1 and still maintain the higher slew rate. Looking at
the Bode plots for the LMV793 and its closest equivalent unity gain stable op amp, the LMV796, one can clearly
see the increased bandwidth of the LMV793. Both plots are taken with a parallel combination of 20 pF and 10 k
Ω
for the output load.
12
Submit Documentation Feedback
Copyright © 2007–2013, Texas Instruments Incorporated
Product Folder Links: LMV793 LMV794



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com