Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LMV654MT/NOPB Datasheet(PDF) 14 Page - Texas Instruments

Part # LMV654MT/NOPB
Description  LMV65x 12-MHz, Low Voltage, Low Power Amplifiers
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LMV654MT/NOPB Datasheet(HTML) 14 Page - Texas Instruments

Back Button LMV654MT/NOPB Datasheet HTML 10Page - Texas Instruments LMV654MT/NOPB Datasheet HTML 11Page - Texas Instruments LMV654MT/NOPB Datasheet HTML 12Page - Texas Instruments LMV654MT/NOPB Datasheet HTML 13Page - Texas Instruments LMV654MT/NOPB Datasheet HTML 14Page - Texas Instruments LMV654MT/NOPB Datasheet HTML 15Page - Texas Instruments LMV654MT/NOPB Datasheet HTML 16Page - Texas Instruments LMV654MT/NOPB Datasheet HTML 17Page - Texas Instruments LMV654MT/NOPB Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 39 page
background image
ROUT
-
+
VIN
RF
CF
RIN
RL
CL
RS
0
UNSTABLE
ROC = 40 dB/decade
STABLE
ROC ± 20 dB/decade
FREQUENCY (Hz)
14
LMV651, LMV652, LMV654
SNOSAI7K – SEPTEMBER 2005 – REVISED MAY 2016
www.ti.com
Product Folder Links: LMV651 LMV652 LMV654
Submit Documentation Feedback
Copyright © 2005–2016, Texas Instruments Incorporated
7.4 Device Functional Modes
7.4.1 Stability and Capacitive Loading
If the phase margin of the LMV65x is plotted with respect to the capacitive load (CL) at its output, it is seen that
the phase margin reduces significantly if CL is increased beyond 100 pF. This is because the operational
amplifier is designed to provide the maximum bandwidth possible for a low supply current. Stabilizing it for higher
capacitive loads would have required either a drastic increase in supply current, or a large internal compensation
capacitance, which would have reduced the bandwidth of the operational amplifier. Hence, if these devices are to
be used for driving higher capacitive loads, they would have to be externally compensated.
Figure 34. Gain vs Frequency for an Operational Amplifiers
An operational amplifier, ideally, has a dominant pole close to DC, which causes its gain to decay at the rate of
20 dB/decade with respect to frequency. If this rate of decay, also known as the rate of closure (ROC), remains
the same until the unity-gain bandwidth of the operational amplifiers is stable. If, however, a large capacitance is
added to the output of the operational amplifier, it combines with the output impedance of the operational
amplifier to create another pole in its frequency response before its unity-gain frequency (see Figure 34). This
increases the ROC to 40 dB/decade and causes instability.
In such a case a number of techniques can be used to restore stability to the circuit. The idea behind all these
schemes is to modify the frequency response such that it can be restored to an ROC of 20 dB/decade, which
ensures stability.
7.4.2 In The Loop Compensation
Figure 35 illustrates a compensation technique, known as in-the-loop compensation, that employs an RC
feedback circuit within the feedback loop to stabilize a noninverting amplifier configuration. A small series
resistance, RS, is used to isolate the amplifier output from the load capacitance, CL, and a small capacitance, CF,
is inserted across the feedback resistor to bypass CL at higher frequencies.
Figure 35. In-the-Loop Compensation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com