Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LMV654MT/NOPB Datasheet(PDF) 17 Page - Texas Instruments

Part # LMV654MT/NOPB
Description  LMV65x 12-MHz, Low Voltage, Low Power Amplifiers
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LMV654MT/NOPB Datasheet(HTML) 17 Page - Texas Instruments

Back Button LMV654MT/NOPB Datasheet HTML 13Page - Texas Instruments LMV654MT/NOPB Datasheet HTML 14Page - Texas Instruments LMV654MT/NOPB Datasheet HTML 15Page - Texas Instruments LMV654MT/NOPB Datasheet HTML 16Page - Texas Instruments LMV654MT/NOPB Datasheet HTML 17Page - Texas Instruments LMV654MT/NOPB Datasheet HTML 18Page - Texas Instruments LMV654MT/NOPB Datasheet HTML 19Page - Texas Instruments LMV654MT/NOPB Datasheet HTML 20Page - Texas Instruments LMV654MT/NOPB Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 39 page
background image
CC2
RB1
RB2
CF
CC1
V
+
AV = 1 +
R2
R1
+
-
VIN
+
-
R1
1 k:
R2
1 M:
VOUT
+
-
= 1001
0
50
100
150
200
Time (us)
Vout (1V/div)
Vin (10mV/div)
C001
17
LMV651, LMV652, LMV654
www.ti.com
SNOSAI7K – SEPTEMBER 2005 – REVISED MAY 2016
Product Folder Links: LMV651 LMV652 LMV654
Submit Documentation Feedback
Copyright © 2005–2016, Texas Instruments Incorporated
Typical Applications (continued)
8.2.1.3 Application Curve
Figure 38. High Gain Inverting Amplifier Results
8.2.2 High Gain, Low Power Noninverting Amplifiers
With a low supply current, low power operation, and low harmonic distortion, the LMV65x devices are ideal for
wide-bandwidth, high gain amplification. The wide unity-gain bandwidth allows these parts to provide large gain
over a wide frequency range, while driving loads as low as 2 k
Ω with less than 0.003% distortion. Figure 39 is a
noninverting amplifier with a gain of 1001, can provide that gain with a
−3-dB bandwidth of 12 kHz, for a similar
low quiescent power dissipation. With the LMV65x, these circuits can provide gain of
−100 with a −3-dB
bandwidth of 120 kHz, for a quiescent current as low as 116
μA. Coupling capacitors CC1 and CC2 can be added
to isolate the circuit from DC voltages, while RB1 and RB2 provide DC biasing. A feedback capacitor CF can also
be added to improve compensation.
Figure 39. High Gain Noninverting Amplifier
8.2.3 Active Filters
With a wide unity-gain bandwidth of 12 MHz, low input-referred noise density, and a low power supply current,
the LMV65x devices are well suited for low-power filtering applications. Active filter topologies, like the Sallen-
Key low-pass filter shown in Figure 40, are very versatile, and can be used to design a wide variety of filters
(Chebyshev, Butterworth, or Bessel). The Sallen-Key topology, in particular, can be used to attain a wide range
of Q, by using positive feedback to reject the undesired frequency range.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com