Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ADV7182ABCPZ Datasheet(PDF) 64 Page - Analog Devices

Part # ADV7182ABCPZ
Description  10-Bit, SDTV Video Decoder with Differential Inputs
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV7182ABCPZ Datasheet(HTML) 64 Page - Analog Devices

Back Button ADV7182ABCPZ Datasheet HTML 60Page - Analog Devices ADV7182ABCPZ Datasheet HTML 61Page - Analog Devices ADV7182ABCPZ Datasheet HTML 62Page - Analog Devices ADV7182ABCPZ Datasheet HTML 63Page - Analog Devices ADV7182ABCPZ Datasheet HTML 64Page - Analog Devices ADV7182ABCPZ Datasheet HTML 65Page - Analog Devices ADV7182ABCPZ Datasheet HTML 66Page - Analog Devices ADV7182ABCPZ Datasheet HTML 67Page - Analog Devices ADV7182ABCPZ Datasheet HTML 68Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 102 page
background image
ADV7182A
Data Sheet
Rev. 0 | Page 64 of 102
I2C INTERFACE
The ADV7182A supports a 2-wire (I2C-compatible) serial
interface. Two inputs, serial data (SDATA) and serial clock
(SCLK), carry information between the ADV7182A and the
system I2C master controller. Each slave device is recognized by
a unique address. The ADV7182A I2C port allows the user to
set up and configure the decoder and to read back the captured
VBI data. The ADV7182A has four possible slave addresses for
both read and write operations, depending on the logic level of
the ALSB pin. The four unique addresses are shown in Table 92.
The ADV7182A ALSB pin controls Bit 1 of the slave address. By
altering the ALSB, it is possible to control two ADV7182As in
an application without the conflict of using the same slave
address. The LSB (Bit 0) sets either a read or write operation.
Logic 1 corresponds to a read operation, and Logic 0
corresponds to a write operation.
Table 92. I2C Address for ADV7182A
ALSB
R/W
Slave Address
Hexadecimal
Binary
0
0 (read)
0x40
0b’ 0100 0000
0
1 (write)
0x41
0b’ 0100 0001
1
0 (read)
0x42
0b’ 01000010
1
1 (write)
0x43
0b’ 0100 0011
To control the device on the bus, a specific protocol must be
followed. First, the master initiates a data transfer by establishing a
start condition, which is defined by a high to low transition on
SDATA while SCLK remains high. This indicates that an address/
data stream follows. All peripherals respond to the start condition
and shift the next eight bits (the 7-bit address plus the R/W bit).
The bits are transferred from MSB down to LSB. The peripheral
that recognizes the transmitted address responds by pulling the
data line low during the ninth clock pulse; this is known as an
acknowledge bit. All other devices withdraw from the bus at
this point and maintain an idle condition. The idle condition is
where the device monitors the SDATA and SCLK lines for the
start condition and the correct transmitted address. The R/W
bit determines the direction of the data. Logic 0 on the LSB of
the first byte means that the master writes information to the
peripheral. Logic 1 on the LSB of the first byte means that the
master reads information from the peripheral.
The ADV7182A acts as a standard slave device on the bus. The
data on the SDATA pin is eight bits long, supporting the 7-bit
address plus the R/W bit. The device has subaddresses to enable
access to the internal registers. It, therefore, interprets the first
byte as the device address and the second byte as the starting
subaddress. The subaddresses auto-increment, allowing data to
be written to or read from the starting subaddress. A data transfer
is always terminated by a stop condition. The user can also
access any unique subaddress register on a one by one basis
without updating all the registers.
Stop and start conditions can be detected at any stage during the
data transfer. If these conditions are asserted out of sequence with
normal read and write operations, they cause an immediate jump
to the idle condition. During a given SCLK high period, only issue
one start condition, one stop condition, or a single stop condition
followed by a single start condition. If an invalid subaddress is
issued, the ADV7182A does not issue an acknowledge and returns
to the idle condition.
In auto-increment mode, if the user exceeds the highest
subaddress, the following action is taken:
In read mode, the highest subaddress register contents
continue to be output until the master device issues a
no acknowledge. This indicates the end of a read. A no
acknowledge condition occurs when the SDATA line is
not pulled low on the ninth pulse.
In write mode, the data for the invalid byte is not loaded
into any subaddress register. A no acknowledge is issued by
the ADV7182A, and the device returns to the idle condition.
Figure 46. Bus Data Transfer
Figure 47. Read and Write Sequence
SDATA
SCLK
START ADDR
ACK
ACK
DATA
ACK
STOP
SUBADDRESS
1–7
1–7
89
8
9
1–7
89
S
P
R/W
S
WRITE
SEQUENCE
SLAVE ADDR A(S)
SUB ADDR
A(S)
DATA
A(S)
DATA
A(S) P
S
READ
SEQUENCE
SLAVE ADDR
SLAVE ADDR
A(S)
SUB ADDR
A(S) S
A(S)
DATA
A(M)
DATA
A(M) P
S = START BIT
P = STOP BIT
A(S) = ACKNOWLEDGE BY SLAVE
A(M) = ACKNOWLEDGE BY MASTER
A(S) = NO ACKNOWLEDGE BY SLAVE
A(M) = NO ACKNOWLEDGE BY MASTER
LSB = 1
LSB = 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com