Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DFR0057 Datasheet(PDF) 1 Page - DFROBOT

Part # DFR0057
Description  Sensor/Motor Drive Board - Version 2.2 (SKU:DFR0057)
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DFROBOT [DFROBOT]
Direct Link  https://www.dfrobot.com/
Logo DFROBOT - DFROBOT

DFR0057 Datasheet(HTML) 1 Page - DFROBOT

  DFR0057 Datasheet HTML 1Page - DFROBOT DFR0057 Datasheet HTML 2Page - DFROBOT DFR0057 Datasheet HTML 3Page - DFROBOT DFR0057 Datasheet HTML 4Page - DFROBOT DFR0057 Datasheet HTML 5Page - DFROBOT DFR0057 Datasheet HTML 6Page - DFROBOT DFR0057 Datasheet HTML 7Page - DFROBOT DFR0057 Datasheet HTML 8Page - DFROBOT DFR0057 Datasheet HTML 9Page - DFROBOT Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
Sensor/Motor Drive Board - Version
2.2 (SKU:DFR0057)
Contents
1Introduction
2 Specification
3 Pin out diagram
3.1 Applying Power
3.2 Serial hardware configuration
3.3 Command Sets
3.3.1 Configure Servo Control Mode
3.3.2 Set DIO Input/output Mode
3.3.3 Set DIO Output
3.3.4 Read DIO Input
3.3.5 Servo Control
3.3.6 Read Analog Input (12 bits)
3.3.7 Configure RS485 Baud Rate
3.3.8 RS485 Communication
3.3.9 Write Data via I2C
3.3.10 Read Data via I2C
3.3.11 Set Motor Parameters
3.3.12 Set Motor Speed
3.3.13 Read Motor Speed
3.3.14 Read Motor Current
3.3.15 Set PID Parameters
3.3.16 Set Motor Driven Mode
3.3.17 Set Motor Power
3.3.18 Read encoder data
3.3.19 Reset Encoder Reading
3.3.20 Read Board Version
Introduction
A. Please read this manual carefully before power on the device.
B. Do not use this device for military or medical purpose as they are not designed to.
This Sensor/Motor Drive Board (Cortex
M3 CPU) is the integration of multiple
communication interfaces that quickly
build robotic systems. This board (Cortex
M3 CPU) features the SPI Interface and
Page 1 of 14


Similar Part No. - DFR0057

ManufacturerPart #DatasheetDescription
logo
DFROBOT
DFR0050 DFROBOT-DFR0050 Datasheet
76Kb / 1P
Xbee USB adapter (FTDI ready)
DFR0051 DFROBOT-DFR0051 Datasheet
249Kb / 3P
Analog Voltage Divider SKU: DFR0051
DFR0052 DFROBOT-DFR0052 Datasheet
315Kb / 3P
Analog Piezo Disk Vibration Sensor (SKU:DFR0052)
DFR0053 DFROBOT-DFR0053 Datasheet
135Kb / 3P
Analog Slide Position Sensor (SKU: DFR0053)
DFR0054 DFROBOT-DFR0054 Datasheet
226Kb / 4P
Analog Rotation Sensor V1 (SKU: DFR0054)
More results

Similar Description - DFR0057

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
AN3861SA PANASONIC-AN3861SA Datasheet
103Kb / 11P
Sensor-less Motor Drive IC for VTR Movie Cylinder
logo
List of Unclassifed Man...
D6208 ETC-D6208 Datasheet
222Kb / 3P
MOTOR DRIVE SERIES
MSE570 ETC2-MSE570_1 Datasheet
109Kb / 5P
Bipolar Stepper Motor Drive Board
logo
International Rectifier
IRLS4030TRLPBF IRF-IRLS4030TRLPBF Datasheet
388Kb / 10P
DC Motor Drive
IRD3CH9DB6 IRF-IRD3CH9DB6 Datasheet
218Kb / 6P
Industrial Motor Drive
IRD3CH16DB6 IRF-IRD3CH16DB6 Datasheet
235Kb / 6P
Industrial Motor Drive
IRD3CH42DB6 IRF-IRD3CH42DB6 Datasheet
187Kb / 6P
Industrial Motor Drive
IRGB4715DPBF IRF-IRGB4715DPBF Datasheet
657Kb / 12P
Industrial Motor Drive
logo
Fluke Corporation
MDA-550 FLUKE-MDA-550 Datasheet
3Mb / 36P
Motor Drive Analyzer
logo
Shenzhen Huazhimei Semi...
HM2503A HMSEMI-HM2503A Datasheet
359Kb / 4P
Motor drive circuit
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com