Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DFR0057 Datasheet(PDF) 2 Page - DFROBOT

Part # DFR0057
Description  Sensor/Motor Drive Board - Version 2.2 (SKU:DFR0057)
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DFROBOT [DFROBOT]
Direct Link  https://www.dfrobot.com/
Logo DFROBOT - DFROBOT

DFR0057 Datasheet(HTML) 2 Page - DFROBOT

  DFR0057 Datasheet HTML 1Page - DFROBOT DFR0057 Datasheet HTML 2Page - DFROBOT DFR0057 Datasheet HTML 3Page - DFROBOT DFR0057 Datasheet HTML 4Page - DFROBOT DFR0057 Datasheet HTML 5Page - DFROBOT DFR0057 Datasheet HTML 6Page - DFROBOT DFR0057 Datasheet HTML 7Page - DFROBOT DFR0057 Datasheet HTML 8Page - DFROBOT DFR0057 Datasheet HTML 9Page - DFROBOT Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
(/wiki/index.php/File:Sdb_v2.2_1.png)
Sensor/Motor Drive Board - Version 2.2
works as a bridge between the whole
system. There are many types of sensors
on the board such as I2C bus
communication protocol sensors,
Ultrasonic sensors, SP03 TTS, CMP03
electronic compass, RS485-bus sensors,
analog output sensors, infrared distance
sensors, gyro sensors, acceleration
sensors, and light sensors etc. The RS23
serial port is used to send signals to the
host PC or other embedded systems. At
the same time SDB plates with two-way
DC motor-driven, two-way rotary encoder
interface and a PID motor control
algorithms which can be controlled
through the serial port. The mounting hole structure is compatible with PC104.
Specification
Supply Voltage
:6V-12V, 15V maximum
Working Current
:150mA @ 12V
Working Temperature
:-10~+70℃
CPU: Cortex-M3 (90MIPS)
,support DMA access
Interface
:RS232/TTL at 9600、19200、38400 or115200 bps
8 Analog Input (12 bits)
11 Digital I/O Lines (IO0-IO7 can be configured for servo control)
Up to 8 servo with speed control
Support I2C,RS485,(CAN and SPI interfaces are not supported in V2.2)
Dual 4 Amp H-Bridge: Control 2 DC motors with A/B encoders interface. Integrated PID
speed *control. Support odometer and motor current reading.
Size
:96mmx90mmx20mm (compatible with PC104 mounting holes)
Weight
:87g
Pin out diagram
Page 2 of 14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com