Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AP37 Datasheet(PDF) 3 Page - Juniper Networks, Inc.

Part # AP37
Description  AP37 AND AP36 ACCESS POINT DATASHEET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JUNIPER [Juniper Networks, Inc.]
Direct Link  https://www.juniper.net/us/en.html
Logo JUNIPER - Juniper Networks, Inc.

AP37 Datasheet(HTML) 3 Page - Juniper Networks, Inc.

  AP37 Datasheet HTML 1Page - Juniper Networks, Inc. AP37 Datasheet HTML 2Page - Juniper Networks, Inc. AP37 Datasheet HTML 3Page - Juniper Networks, Inc. AP37 Datasheet HTML 4Page - Juniper Networks, Inc. AP37 Datasheet HTML 5Page - Juniper Networks, Inc. AP37 Datasheet HTML 6Page - Juniper Networks, Inc. AP37 Datasheet HTML 7Page - Juniper Networks, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
Bluetooth cloud services
Juniper Mobile Engagement
For digital experience teams
• Accurate (1-3m) turn-by-turn navigation
• Sensor fusion with dead reckoning
• Unsupervised machine learning
• Virtual beacons with custom notifications
• Mobile SDK for iOS and Android
Juniper Asset Visibility
For process and resource improvement teams
• Identification of assets by name and location visibility
• Zonal/Room accuracy for third-party tags
• Historical analytics for asset tags
• Telemetry for asset tags (temperature, motion, and other data)
• APIs for viewing assets and analytics
Analytics cloud services
Juniper Premium Analytics
For network teams
• Baseline analytics features come included with Wi-Fi
Assurance, User Engagement, and Asset Visibility subscriptions
• End-to-end network visibility
• Orchestrated networking and application performance queries
• Simplified network transparency
For business teams
• Baseline analytics features come included with Wi-Fi
Assurance, User Engagement, and Asset Visibility subscriptions
• Customer segmentation and reporting based on visitor
telemetry
• Customized dwell and third-party reporting for traffic and
trend analysis
• Correlation of customer-guest traffic and trend analysis
• Correlated customer-guest traffic and trend analysis
Access point features
High-performance Wi-Fi
The AP37 and AP36 Series are four
‑radio, 802.11be Wi‑Fi 7 APs.
Three four
‑spatial stream data serving radios with maximum data
rates of 11528 Mbps in the 6 GHz band, 5764 Mbps in the 5 GHz
band, and 688 Mbps in the 2.4 GHz band. A dedicated fourth
tri
‑band scanning radio provides WIDS/WIPS, spectrum analysis,
sensor and location analytics. With 802.11be Multi-Link Operation
(MLO), Orthogonal Frequency Division Multiple Access (OFDMA),
Multi
‑User Multiple Input Multiple Output (MU‑MIMO), and BSS
Coloring technologies, both AP37 and AP36 Series offer
performance at unprecedented levels to support new
bandwidth
‑hungry applications and soaring device densities.
Wi-Fi 7 amendment
The new 802.11be amendment (Wi-Fi 7) expands the capabilities
of Wi
‑Fi 6E, including the use of up to 1200 MHz of the 6 GHz
band for higher throughput and improved application performance.
New capabilities include 320 MHz channels which provides double
the throughput, MLO for more efficient load balancing and failover,
Multi
‑Resource Units (Multi‑RU), preamble puncturing, and 4K
QAM for higher transmission rates and better user experiences.
Only Wi
‑Fi 7 and 6E client devices can use the 6 GHz band so
there is no interference due to IoT or legacy devices.
AI for AX
Juniper automates and optimizes Wi
‑Fi 7 features with AI for AX
capabilities to optimize BSS Coloring, improve data transmission
scheduling within OFDMA and MU
‑MIMO, and assign clients to the
best radio to boost the overall performance of the network.
Improved IoT operations
The AP37 Series extends network monitoring and insights to vBLE
(AP36 supports omnidirectional BLE), Thread*, Zigbee*, or Matter*
to increase IoT capabilities with dual 802.15.4 radios for concurrent
location services and electronic shelf labels (ESL).
*future considerations
Greater spectral efficiency
OFDMA improves spectral efficiency so that an increasing density
of devices can be supported on the network. Density has become
an issue with the rapid growth of IoT devices that often utilize
smaller data packets than mobile devices and, hence, increase the
burden and contention on the network. Additionally, BSS Coloring
improves the coexistence of overlapping BSSs and allows spatial
reuse within a given channel by reducing packet collisions.
Automatic RF optimization
Reliable RF optimization is even more critical with the addition of 6
GHz spectrum. Radio Resource Management uses a dedicated
sensor radio to automate dynamic channel and power assignments,
thus avoiding Wi
‑Fi and external sources of interference. The
Marvis® AI engine continuously monitors coverage and capacity SLE
metrics to learn and optimize the RF environment. A learning
AP37 and AP36 Access Point Datasheet
3



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com