Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AP37 Datasheet(PDF) 6 Page - Juniper Networks, Inc.

Part # AP37
Description  AP37 AND AP36 ACCESS POINT DATASHEET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JUNIPER [Juniper Networks, Inc.]
Direct Link  https://www.juniper.net/us/en.html
Logo JUNIPER - Juniper Networks, Inc.

AP37 Datasheet(HTML) 6 Page - Juniper Networks, Inc.

  AP37 Datasheet HTML 1Page - Juniper Networks, Inc. AP37 Datasheet HTML 2Page - Juniper Networks, Inc. AP37 Datasheet HTML 3Page - Juniper Networks, Inc. AP37 Datasheet HTML 4Page - Juniper Networks, Inc. AP37 Datasheet HTML 5Page - Juniper Networks, Inc. AP37 Datasheet HTML 6Page - Juniper Networks, Inc. AP37 Datasheet HTML 7Page - Juniper Networks, Inc.  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
Bottom view of AP36 and AP37
Specifications
Wi-Fi Standard
Wi-Fi 7 802.11be
backwards compatibility with 802.11a/b/g/n/ac/ax
Wi-Fi Radios
2.4 GHz 802.11b/g/n/ac/ax/be radio
5 GHz 802.11a/n/ac/axbe radio
6 GHz 802.11ax/be
Combined Highest
Supported Data Rates
Tri-Band: 17.98 Gbps – 2.4 GHz + 5 GHz + 6 GHz
2.4 GHz
2x2:2 802.11be up to 688 Mbps data rate
5 GHz
4x4:4 802.11be up to 5.76 Gbps data rate
6 GHz
4x4:4 802.11be up to 11.53 Gbps data rate
MIMO Operation
• 4 spatial stream SU-MIMO for up to 11.53 Gbps wireless data
rate to individual 4x4 EHT320.
• 4 spatial stream MU-MIMO for up to 11.53 Gbps wireless data
rate to up to four MU-MIMO capable client devices
simultaneously.
Dedicated Fourth
Radio
2.4 GHz, 5 GHz, and 6 GHz tri-band WIDS/WIPS, spectrum
analysis, sensor and location analytics radio.
Internal Directional
Antennas – AP36M
Pattern approximately 60 x 60 degrees,
Four 2.4 GHz directional antennas with 6 dBi peak gain
Four 5 GHz directional antennas with 8 dBi peak gain
Four 6 GHz directional antennas with 8 dBi peak gain
IoT radios – AP37
Dual core 802.15.4 radios and dual omnidirectional antennas, vBLE
directional antenna array, Bluetooth 6.0.
IoT radios – AP36/
AP36M
Dual core 802.15.4 radios and dual omnidirectional antennas,
Bluetooth 6.0.
Beam forming
Transmit Beamforming and Maximal Ratio Combining
Power options
PoE PD Support via Eth0:
802.3bt: Full function.
802.3at: Reduced functionality.
802.3af: All radios disabled, cloud connectivity only.
Product dimensions
AP37, AP36, AP36M:
230 mm x 230 mm x 45 mm / 9.1” x 9.1” x 1.8”
Shipping box
274 mm x 291 mm x 82 mm / 10.8” x 11.5” x 3.2”
Product weight
AP37: 1.55kg / 3.42lbs,
AP36: 1.5kg / 3.31lbs,
AP36M: 1.53kg / 3.37lbs
Operating
temperature
AP37, AP36: 0°C to +40°C (32°F to 104°F),
AP36M: -20°C to +50°C (-4°F to 122°F)
Operating humidity
10% to 90% maximum relative humidity, non-condensing
Operating altitude
3,048 m (10,000 ft)
Trusted Platform
Module (TPM)
Included a TPM for infrastructure security
Supported frequency
bands
(country-specific
restrictions apply)
2.400 to 2.4835 GHz ISM
5.150 to 5.250 GHz U-NII-1
5.250 to 5.350 GHz U-NII-2A
5.470 to 5.725 GHz U-NII-2C
5.725 to 5.850 GHz U-NII-3/ISM
5.925 to 6.425 GHz U-NII-5
6.425 to 6.525 GHz U-NII-6
6.525 to 6.875 GHz U-NII-7
6.875 to 7.125 GHz U-NII-8
I/O and indicators
IoT sensors
Pressure, temperature, accelerometer
GNSS/GPS
GNSS L1 supporting GPS, Galileo, GLONASS, BeiDou, and QZSS
GNSS L5 supporting GPS, Galileo, BeiDou, and NavIC
USB
USB 2.0 support interface (up to 4.5W)
Eth0
100/1000/2500/5000/10000 Base-T (802.3bz); RJ45, PoE PD
Eth1
10/100/1000 Base-T; RJ45, PoE 15.4W PSE mode (requires 802.3bt
on Eth0)
AP36M external
antenna
Two pluggable antenna connectors; 2.4/5 GHz (4 pin), 6 GHz (6 pin)
Reset
Reset to the factory default settings
Indicators
One multicolor status LED
Traffic forwarding
options
Eth0, Juniper Mist Edge
Mounting brackets
APBR-U2
Universal bracket
APBR-ADP-M16
16mm threaded rod (M16-2)
APBR-ADP-T12
1/2” threaded rod
APBR-ADP-T58
5/8” Threaded Rod
APBR-ADP-CR9
9/16” T-Rail, Channel Rail
APBR-ADP-RT15
15/16” T-Rail
APBR-ADP-WS15
1-1/2” T-Rail
2
The AP package includes one universal bracket APBR-U, also available separately as an accessory purchase.
Ordering information
United States only
AP37-US (Internal Omni Antenna, vBLE),
AP36-US (Internal Omni Antenna),
AP36M-US (Directional Antenna & External Antenna)
Outside of United States
AP37-WW (Internal Omni Antenna, vBLE),
AP36-WW (Internal Omni Antenna),
AP36M-WW (Directional Antenna & External Antenna)
* Juniper products are manufactured in accordance with local regulations specific to certain regions and countries. For
example, customers should not use any SKUs designated for outside of the U.S. in the U.S. Customers are responsible
for ensuring that any regional- or country-specific SKUs are only used in the specified authorized area and accept all
associated liability. Failure to comply with the applicable regional designations of SKUs may void the warranty of the
Juniper products.
AP37 and AP36 Access Point Datasheet
6



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com