Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

640468 Datasheet(PDF) 15 Page - TE Connectivity Ltd

Part # 640468
Description  MTA, CST-100 II, SL-156 and AMP Economy Power (EP) Connectors
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

640468 Datasheet(HTML) 15 Page - TE Connectivity Ltd

Back Button 640468 Datasheet HTML 11Page - TE Connectivity Ltd 640468 Datasheet HTML 12Page - TE Connectivity Ltd 640468 Datasheet HTML 13Page - TE Connectivity Ltd 640468 Datasheet HTML 14Page - TE Connectivity Ltd 640468 Datasheet HTML 15Page - TE Connectivity Ltd 640468 Datasheet HTML 16Page - TE Connectivity Ltd 640468 Datasheet HTML 17Page - TE Connectivity Ltd 640468 Datasheet HTML 18Page - TE Connectivity Ltd 640468 Datasheet HTML 19Page - TE Connectivity Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 84 page
background image
15
Connector Ordering
Information
The “Base Part Numbers”
Chart at right shows the base
part number, and their
RoHS (Restrictions on
Certain Hazardous
Substances) Compliant
(lead free) equivalent avail-
able for the described con-
nectors.
Prefixes and suffixes are
determined by the number
of circuit positions in the
connector. For example, the
complete part number for a
10-position closed end con-
nector without polarizing tabs
for 22 AWG wire would be:
Base number 640440 plus
prefix-and-suffix
4- — -0
The correct ordering num-
ber is
4-640440-0
All part numbers are the
RoHS equivalent version.
Example:
No. of
Lead Free
Pos.
RoHS
Prefix/Suffix
2
3-640440-2
3
3-640440-3
4
3-640440-4
5
3-640440-5
6
3-640440-6
7
3-640440-7
8
3-640440-8
9
3-640440-9
10
4-640440-0
11
4-640440-1
12
4-640440-2
13
4-640440-3
14
4-640440-4
15
4-640440-5
16
4-640440-6
17
4-640440-7
18
4-640440-8
19
4-640440-9
20
5-640440-0
21
5-640440-1
22
5-640440-2
23
5-640440-3
24
5-640440-4
25
5-640440-5
26
5-640440-6
27
5-640440-7
28
5-640440-8
Note: All RoHS equivalent part num-
bers may not be available upon cat-
alog release. If the number you
need is not available, please contact
Product Engineering to expedite
your request.
Base Part Numbers
Closed End
Feed-Thru
Without Tabs
With Tabs
Without Tabs
With Tabs
Connector Type
& Wire Size
Connector
RoHS
Connector
RoHS
Connector
RoHS
Connector
RoHS
Part Nos.
Equiv.
Part Nos.
Equiv.
Part Nos.
Equiv.
Part Nos.
Equiv.
Standard UL94V-2, Tin Plated
22 AWG
640440
32–58
643813
32–58
640620
32–58
6445401
32–45
0.3–0.4 mm2
24 AWG
640441
32–58
643814
32–58
640621
32–58
6445631
32–54
0.2 mm2
26 AWG
640442
32–58
643815
32–58
640622
32–58
6445641
32–45
0.12–0.15 mm2
28 AWG
640443
32–58
643816
32–58
640623
32–58
6445651
32–45
0.08–0.09 mm2
Tape Mounted on Reel UL94V-2, Tin Plated
22 AWG
640468
32–58
644511
42–68
641311
32–58
——
0.3–0.4 mm2
24 AWG
640469
32–58
644512
32–58
641312
32–58
——
0.2 mm2
26 AWG
640470
32–58
644513
32–58
641313
32–58
——
0.12–0.15 mm2
28 AWG
640471
32–58
644514
32–58
641314
32–58
——
0.08–0.09 mm2
Standard UL94V-2, .000030 [0.00076] Gold Plated
22 AWG
641237
32–58
644042
32–58
641241
32–58
6447021
32–45
0.3–0.4 mm2
24 AWG
641238
32–58
644020
32–58
641242
32–58
——
0.2 mm2
26 AWG
641239
32–58
6440431
32–44
641243
32–58
6447261
32–45
0.12–0.15 mm2
28 AWG
641240
32–58
6440441
32–44
641244
32–58
——
0.8–0.9 mm2
Standard UL94V-2, .000015 [0.00038] Gold Plated
22 AWG
641190
32–58
6440381
32–44
641198
32–58
647477
32–46
0.3–0.4 mm2
24 AWG
641191
32–58
17440201
32–44
641199
32–58
——
0.2 mm2
26 AWG
641192
32–58
6440401
32–44
641200
32–58
647480
32–43
0.12–0.15 mm2
28 AWG
641193
32–58
——
641201
32–58
——
0.08–0.09 mm2
LED*, UL94V-2, Tin Plated (See Note 1)
22 AWG
641534
32–33
——
641653
32–33
——
0.3–0.4 mm2
24 AWG
641535
32–33
644795
32–33
641654
32–33
——
0.2 mm2
26 AWG
641536
32–33
——
641655
32–33
——
0.12–0.15 mm2
28 AWG
641537
32–33
——
641656
32–33
——
0.08–0.09 mm2
Standard UL94V-0, Tin Plated (Gold is available, minimums may apply.) (Black in color)
22 AWG
6434981
32–45
6440831
32–45
6445751
32–45
6445781
32–45
0.3–0.4 mm2
24 AWG
6445741
32–45
6443121
32–45
6445761
32–45
6445791
32–45
0.2 mm2
26 AWG
6438281
32–45
6443131
32–45
6445771
32–45
6444971
32–45
0.12–0.15 mm2
*LED connectors are designed to mate with .014–.020 [0.36–0.51] diameter posts or square leads.
1
Other circuit sizes are available upon request. Minimums may apply.
2
Tape mounted.
Note: Blocked circuit configurations are available. Contact product engineer or product manager for details.
Minimums may apply.
MTA-100 IDC Connectors—Closed End and Feed-Thru (Continued)
MTA, CST-100 II, SL-156 and
AMP Economy Power (EP) Connectors
Catalog 82056
Dimensions are in inches and
Dimensions are shown for
USA: 1-800-522-6752
South America: 55-11-2103-6000
Revised 6-08
millimeters unless otherwise
reference purposes only.
Canada: 1-905-470-4425
Hong Kong: 852-2735-1628
specified. Values in brackets
Specifications subject
Mexico: 52-55-1106-0800
Japan: 81-44-844-8013
www.tycoelectronics.com
are metric equivalents.
to change.
C. America: 57-1-254-4444
UK: 44-208-420-8341



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com