Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

640468 Datasheet(PDF) 50 Page - TE Connectivity Ltd

Part # 640468
Description  MTA, CST-100 II, SL-156 and AMP Economy Power (EP) Connectors
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

640468 Datasheet(HTML) 50 Page - TE Connectivity Ltd

Back Button 640468 Datasheet HTML 46Page - TE Connectivity Ltd 640468 Datasheet HTML 47Page - TE Connectivity Ltd 640468 Datasheet HTML 48Page - TE Connectivity Ltd 640468 Datasheet HTML 49Page - TE Connectivity Ltd 640468 Datasheet HTML 50Page - TE Connectivity Ltd 640468 Datasheet HTML 51Page - TE Connectivity Ltd 640468 Datasheet HTML 52Page - TE Connectivity Ltd 640468 Datasheet HTML 53Page - TE Connectivity Ltd 640468 Datasheet HTML 54Page - TE Connectivity Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 84 page
background image
50
Recommended Mounting Hole Pattern
for .062 [1.57] Thk. PC Board
.210
[5.33]
A
.125
[3.18]
.156
[3.96]
.076
[1.93]
.045
[1.14]
.425
[10.80]
.100
[2.54]
.125
[3.18]
.450
[11.43]
.545
[13.84]
.073
[1.85]
.156
[3.96]
.066/.062
[1.68/1.57]
Edge of Board
Dia.
.167
[4.24]
.225
[5.72]
Min.
.078
[1.98]
90
° Ref.
Typ.
Retention Tabs
4 Plc.
Post No. 1
Polarized
Retention Peg
Typ.
Peg Hole
Polarized
Retention Peg
Material and Finish
Housing — UL94V-0 rated, polyester,
white
Posts — Copper alloy, tin plated or
.000030 [0.00076] gold over nickel
Notes:
1. Post(s) can be omitted for keying pur-
poses. Specify the desired post(s) to
be omitted using the figure to identify
Post No. 1.
2. Peg holes are not required in
PC Boards when headers without pegs
are used.
3. One peg only on a 2 position header,
other position sizes have two pegs.
4. Headers with .00015 [0.00038] gold
plated post are available upon request.
Minimums may apply.
5. To determine header overall length
(Dim. A), multiply .156 x the number of
posts. Example: .156 x 10 posts equals
1.560 inches [39.62 mm].
For mateability options, see
matrix on pages 34, 35, 54
and 58.
For mating half visuals, use
connectors with a locking ramp
for polarization/retention pur-
poses, see pages 36 thru 39,
55, 60 and 62.
For polarizing purposes only
use connectors without a lock-
ing ramp. See pages 36 thru
39, 60 and 62.
Header Ordering
Information
The “Base Part Numbers”
Chart at right shows the base
part number and number of
posts available for the
described headers.
Prefixes and suffixes are deter-
mined by the number of post
positions in the header. For
example, the complete part
number for a 10-position
header with square posts with
pegs would be:
Base number 644615 plus
prefix-and-suffix
4- — -0
The correct ordering number is
4-644615-0
The part numbers in bold
face are the RoHS equivalent
version. Example:
No. of
Lead Free
Pos.
RoHS
Prefix/Suffix
2
3-644615–2
thru
18
4-644615-8
See page 15 for an explanation of
RoHS lead free equivalents.
PC Board Hole Diameters
Square
Round
Post
Post
.069/.065
.054/.050
[1.75/1.65]
[1.37/1.27]
Note: Consult Product Drawing
for details on placing headers
onto PC boards.
Base Part Numbers
Square Posts
Round Posts
Without Pegs
With Pegs
Without Pegs
With Pegs
Header
RoHS
Header
RoHS
Header
RoHS
Header
RoHS
Part Nos.
Equiv.
Part Nos.
Equiv.
Part Nos.
Equiv.
Part Nos.
Equiv.
Standard UL94V-0, Tin Plated
644611
32–48
644615
32–48
644612
32–48
644616
32–48
Standard UL94V-0, .000030 [0.00076] Gold Plated
644627
32–48
644631
32–48
644628
32–48
644632
32–48
Note: All RoHS equivalent part num-
bers may not be available upon cat-
alog release. If the number you
need is not available, please contact
Product Engineering to expedite
your request.
Note:
Select load headers (omitted pin
headers) are available upon request.
Please contact product engineer or
product manager for details.
MTA-156 Polarized Lock Headers—Straight
MTA, CST-100 II, SL-156 and
AMP Economy Power (EP) Connectors
Catalog 82056
Dimensions are in inches and
Dimensions are shown for
USA: 1-800-522-6752
South America: 55-11-2103-6000
Revised 6-08
millimeters unless otherwise
reference purposes only.
Canada: 1-905-470-4425
Hong Kong: 852-2735-1628
specified. Values in brackets
Specifications subject
Mexico: 52-55-1106-0800
Japan: 81-44-844-8013
www.tycoelectronics.com
are metric equivalents.
to change.
C. America: 57-1-254-4444
UK: 44-208-420-8341



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com