| Electronic Components Datasheet Search |
|
ADC32RF44IRMPR.A Datasheet(PDF) 40 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
ADC32RF44IRMPR.A Datasheet(HTML) 40 Page - Texas Instruments |
|
40 / 135 page ![]() ADC A ADC B NCO NCO N N To JESD ChA NCO NCO N N To JESD ChB 40 ADC32RF44 SBAS809A – FEBRUARY 2017 – REVISED MARCH 2017 www.ti.com Product Folder Links: ADC32RF44 Submit Documentation Feedback Copyright © 2017, Texas Instruments Incorporated 9.3.4.3.12 Latency with Decimation Options Device latency in 12-bit bypass mode (with LMFS = 8224) is 424 clock cycles. When the DDC option is used, latency increases as a result of decimation filters, as described in Table 4. Table 4. Latency with different Decimation options DECIMATION OPTION TOTAL LATENCY, DEVICE CLOCK CYCLES Divide-by-4 516 Divide-by-6 746 Divide-by-8 621 Divide-by-9 763.5 Divide-by-10 811 Divide-by-12 897 Divide-by-16 1045 Divide-by-18 1164 Divide-by-20 1256 Divide-by-24 1443 Divide-by-32 1773 9.3.4.4 Digital Multiplexer (MUX) The ADC32RF44 supports a mode where the output data of the ADC channel A can be routed internally to the digital blocks of both channel A and channel B. The ADC channel B can be powered down as shown in Figure 98. In this manner, the ADC32RF44 can be configured as a single-channel ADC with up to four independent DDC chains or two wideband DDC chains. All decimation filters and JESD204B format configurations are identical to the two ADC channel operation. Figure 98. Digital Multiplexer Option 9.3.4.5 Numerically-Controlled Oscillators (NCOs) and Mixers The ADC32RF44 is equipped with three independent, complex NCOs per ADC channel. The oscillator generates a complex exponential sequence, as shown in Equation 2. x[n] = e –jωn where • frequency (ω) is specified as a signed number by the 16-bit register setting (2) |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |