Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ADC32RF44IRMPR.A Datasheet(PDF) 7 Page - Texas Instruments

Part # ADC32RF44IRMPR.A
Description  ADC32RF44 Dual-Channel, 14-Bit, 2.6-GSPS, Analog-to-Digital Converter
PDF  135 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ADC32RF44IRMPR.A Datasheet(HTML) 7 Page - Texas Instruments

Back Button ADC32RF44IRMPR.A Datasheet HTML 3Page - Texas Instruments ADC32RF44IRMPR.A Datasheet HTML 4Page - Texas Instruments ADC32RF44IRMPR.A Datasheet HTML 5Page - Texas Instruments ADC32RF44IRMPR.A Datasheet HTML 6Page - Texas Instruments ADC32RF44IRMPR.A Datasheet HTML 7Page - Texas Instruments ADC32RF44IRMPR.A Datasheet HTML 8Page - Texas Instruments ADC32RF44IRMPR.A Datasheet HTML 9Page - Texas Instruments ADC32RF44IRMPR.A Datasheet HTML 10Page - Texas Instruments ADC32RF44IRMPR.A Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 135 page
background image
7
ADC32RF44
www.ti.com
SBAS809A – FEBRUARY 2017 – REVISED MARCH 2017
Product Folder Links: ADC32RF44
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
(1)
Minimum values are specified at AOUT = –3 dBFS, ADC sampling rate = 2.5 GHz.
(2)
Output amplitude, AOUT, refers to the signal amplitude in the ADC digital output that is same as the analog input amplitude, AIN, except
when the digital gain feature is used. If digital gain is G, then AOUT = G + AIN.
(3)
The ADC internal resistance = 65 Ω, the driving source resistance = 50 Ω.
(4)
The minimum value of HD2 is specified by bench characterization.
7.6 AC Performance Characteristics
typical values specified at an ambient temperature of 25°C; minimum and maximum values are specified over an ambient
temperature range of –40°C to +85°C; and ADC sampling rate = 2.6 GHz, 50% clock duty cycle, AVDD19 = 1.9 V, AVDD =
1.15 V, DVDD = 1.15 V, –2-dBFS differential input, and 0-dB digital gain (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN(1)
NOM
MAX
UNIT
SNR
Signal-to-noise ratio
fIN = 100 MHz, AOUT = –2 dBFS
62.5
dBFS
fIN = 900 MHz, AOUT = –2 dBFS
61.2
fIN = 1850 MHz, AOUT = –2 dBFS
55.5
58.3
fIN = 2100 MHz, AOUT = –2 dBFS
57.5
fIN = 2500 MHz, AOUT = –2 dBFS
56.4
fIN = 3500 MHz, AOUT
(2) = –3 dBFS with 2-dB gain
54.0
NSD
Noise spectral density
averaged across the
Nyquist zone
fIN = 100 MHz, AOUT = –2 dBFS
153.6
dBFS/Hz
fIN = 900 MHz, AOUT = –2 dBFS
152.3
fIN = 1850 MHz, AOUT = –2 dBFS
146.1
149.4
fIN = 2100 MHz, AOUT = –2 dBFS
148.6
fIN = 2500 MHz, AOUT = –2 dBFS
147.5
fIN = 3500 MHz, AOUT
(2) = –3 dBFS with 2-dB gain
145.1
Small-signal SNR
fIN = 1850 MHz, AOUT = –40 dBFS
63.1
dBFS
NF(3)
Input noise figure
fIN = 1850 MHz, AOUT = –40 dBFS
24.7
dB
SINAD
Signal-to-noise and
distortion ratio
fIN = 100 MHz, AOUT = –2 dBFS
61.8
dBFS
fIN = 900 MHz, AOUT = –2 dBFS
60.0
fIN = 1850 MHz, AOUT = –2 dBFS
58.0
fIN = 2100 MHz, AOUT = –2 dBFS
56.5
fIN = 2500 MHz, AOUT = –2 dBFS
54.7
fIN = 3500 MHz, AOUT
(2) = –3 dBFS with 2-dB gain
53.2
ENOB
Effective number of bits
fIN = 100 MHz, AOUT = –2 dBFS
10.0
Bits
fIN = 900 MHz, AOUT = –2 dBFS
9.7
fIN = 1850 MHz, AOUT = –2 dBFS
9.3
fIN = 2100 MHz, AOUT = –2 dBFS
9.1
fIN = 2500 MHz, AOUT = –2 dBFS
8.8
fIN = 3500 MHz, AOUT
(2) = –3 dBFS with 2-dB gain
8.5
SFDR
Spurious-free dynamic
range
fIN = 100 MHz, AOUT = –2 dBFS
68.0
dBc
fIN = 900 MHz, AOUT = –2 dBFS
65.0
fIN = 1850 MHz, AOUT = –2 dBFS
60
69.0
fIN = 2100 MHz, AOUT = –2 dBFS
62.0
fIN = 2500 MHz, AOUT = –2 dBFS
59.0
fIN = 3500 MHz, AOUT
(2) = –3 dBFS with 2-dB gain
57.0
HD2(4)
Second-order harmonic
distortion
fIN = 100 MHz, AOUT = –2 dBFS
68.0
dBc
fIN = 900 MHz, AOUT = –2 dBFS
74.0
fIN = 1850 MHz, AOUT = –2 dBFS
60
69.0
fIN = 2100 MHz, AOUT = –2 dBFS
62.0
fIN = 2500 MHz, AOUT = –2 dBFS
62.0
fIN = 3500 MHz, AOUT
(2) = –3 dBFS with 2-dB gain
57.0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com