Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ADS131E04IPAG Datasheet(PDF) 44 Page - Texas Instruments

Part # ADS131E04IPAG
Description  ADS131E0x 4-, 6-, and 8-Channel, 24-Bit, Simultaneously-Sampling, Delta-Sigma ADC
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ADS131E04IPAG Datasheet(HTML) 44 Page - Texas Instruments

Back Button ADS131E04IPAG Datasheet HTML 40Page - Texas Instruments ADS131E04IPAG Datasheet HTML 41Page - Texas Instruments ADS131E04IPAG Datasheet HTML 42Page - Texas Instruments ADS131E04IPAG Datasheet HTML 43Page - Texas Instruments ADS131E04IPAG Datasheet HTML 44Page - Texas Instruments ADS131E04IPAG Datasheet HTML 45Page - Texas Instruments ADS131E04IPAG Datasheet HTML 46Page - Texas Instruments ADS131E04IPAG Datasheet HTML 47Page - Texas Instruments ADS131E04IPAG Datasheet HTML 48Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 76 page
background image
44
ADS131E04, ADS131E06, ADS131E08
SBAS561C – JUNE 2012 – REVISED JANUARY 2017
www.ti.com
Product Folder Links: ADS131E04 ADS131E06 ADS131E08
Submit Documentation Feedback
Copyright © 2012–2017, Texas Instruments Incorporated
9.6.1.5 FAULT: Fault Detect Control Register (address = 04h) [reset = 00h]
This register configures the fault detection operation.
Figure 48. FAULT: Fault Detect Control Register
7
6
5
4
3
2
1
0
COMP_TH[2:0]
0
0
0
0
0
R/W-0h
R/W-0h
R/W-0h
R/W-0h
R/W-0h
R/W-0h
LEGEND: R/W = Read/Write; -n = value after reset
Table 16. FAULT: Fault Detect Control Register Field Descriptions
Bit
Field
Type
Reset
Description
7:5
COMP_TH[2:0]
R/W
0h
Fault detect comparator threshold.
These bits determine the fault detect comparator threshold level
setting. See the Input Out-of-Range Detection section for a
detailed description.
Comparator high-side threshold.
000 : 95%
001 : 92.5%
010 : 90%
011 : 87.5%
100 : 85%
101 : 80%
110 : 75%
111 : 70%
Comparator low-side threshold.
000 : 5%
001 : 7.5%
010 : 10%
011 : 12.5%
100 : 15%
101 : 20%
110 : 25%
111 : 30%
4:0
Reserved
R/W
00h
Reserved.
Must be set to 0. This bit reads low.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com