Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MB85RC64APNF-G-AME2 Datasheet(PDF) 6 Page - RAMXEED LIMITED

Part # MB85RC64APNF-G-AME2
Description  64 K (8 K x 8) Bit I2C
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RAMXEED [RAMXEED LIMITED]
Direct Link  https://www.ramxeed.com/
Logo RAMXEED - RAMXEED LIMITED

MB85RC64APNF-G-AME2 Datasheet(HTML) 6 Page - RAMXEED LIMITED

Back Button MB85RC64APNF-G-AME2 Datasheet HTML 2Page - RAMXEED LIMITED MB85RC64APNF-G-AME2 Datasheet HTML 3Page - RAMXEED LIMITED MB85RC64APNF-G-AME2 Datasheet HTML 4Page - RAMXEED LIMITED MB85RC64APNF-G-AME2 Datasheet HTML 5Page - RAMXEED LIMITED MB85RC64APNF-G-AME2 Datasheet HTML 6Page - RAMXEED LIMITED MB85RC64APNF-G-AME2 Datasheet HTML 7Page - RAMXEED LIMITED MB85RC64APNF-G-AME2 Datasheet HTML 8Page - RAMXEED LIMITED MB85RC64APNF-G-AME2 Datasheet HTML 9Page - RAMXEED LIMITED MB85RC64APNF-G-AME2 Datasheet HTML 10Page - RAMXEED LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 26 page
background image
MB85RC64A
6
DS501-00019-5v2-E
DATA STRUCTURE
In the I2C bus, the acknowledge “L” level is output on the 9th bit by a slave, after the 8 bits of the device
address word following the start condition are input by a master. After confirming the acknowledge response
by the master, the master outputs 8 bits  2 memory address to the slave. When the each memory address
input ends, the slave again outputs the acknowledge “L” level. After this operation, the I/O data follows in
units of 8 bits, with the acknowledge “L” level output after every 8 bits.
It is determined by the R/W code whether the data line is driven by the master or the slave. However, the
clock line shall be driven by the master. For a write operation, the slave will accept 8 bits from the master,
then send an acknowledge. If the master detects the acknowledge, the master will transfer the next 8 bits.
For a read operation, the slave will place 8 bits on the data line, then wait for an acknowledge from the master.
FeRAM ACKNOWLEDGE -- POLLING NOT REQUIRED
The MB85RC64A performs write operations at the same speed as read operations, so any waiting time for
an ACK polling* does not occur. The write cycle takes no additional time.
*: In E2PROM, the Acknowledge Polling is performed as a progress check whether rewriting is executed or not.
It is normal to judge by the 9th bit of Acknowledge whether rewriting is performed or not after inputting the
start condition and then the device address word (8 bits) during rewriting.
WRITE PROTECT (WP)
The entire memory array can be write protected using the Write Protect pin. When the Write Protect pin is
set to the “H” level, the entire memory array will be write protected. When the Write Protect pin is the “L”
level, entire memory array will be rewritten. Reading is allowed regardless of the WP pin's “H” level or “L” level.
Note : The Write Protect pin is pulled down internally to VSS pin, therefore if the Write Protect pin is open, the
pin status is detected as the “L” level (write enabled).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com