Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

BYT200PIV-400 Datasheet(PDF) 3 Page - STMicroelectronics

Part # BYT200PIV-400
Description  ULTRAFAST POWER RECTIFIER DIODE
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

BYT200PIV-400 Datasheet(HTML) 3 Page - STMicroelectronics

  BYT200PIV-400 Datasheet HTML 1Page - STMicroelectronics BYT200PIV-400 Datasheet HTML 2Page - STMicroelectronics BYT200PIV-400 Datasheet HTML 3Page - STMicroelectronics BYT200PIV-400 Datasheet HTML 4Page - STMicroelectronics BYT200PIV-400 Datasheet HTML 5Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
BYT200PIV-400
3/5
0
102030405060708090 100 110 120 130
0
20
40
60
80
100
120
140
IF(av) (A)
PF(av)(W)
δ = 0.05
δ = 0.1
δ = 0.2
δ = 0.5
δ =1
Fig. 1: Average forward power dissipation versus
average forward current (per diode).
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
0
100
200
300
400
500
IM(A)
P=75W
P=150W
P=100W
P=125W
δ
Fig. 2: Peak current versus form factor (per diode).
0
25
50
75
100
125
150
0
20
40
60
80
100
120
Tamb(
°C)
IF(av)(A)
Rth(j-a)=2
°C/W
Rth(j-a)=Rth(j-c)
Fig. 3: Average forward current versus ambient
temperature (
δ = 0.5, per diode).
1E-3
1E-2
1E-1
1E+0
0
100
200
300
400
500
600
700
t(s)
IM(A)
Tc=50
°C
Tc=100
°C
Tc=75
°C
Fig. 4: Non repetitive surge peak forward current
versus overload duration (per diode).
1E-3
1E-2
1E-1
1E+0
0.1
0.2
0.5
1.0
tp(s)
K=[Zth(j-c)/Rth(j-c)]
δ = 0.5
δ = 0.2
δ = 0.1
Single pulse
Fig. 5: Relative variation of thermal impedance
junction to case versus pulse duration (per diode).
0.50
0.75
1.00
1.25
1.50
1.75
2.00
2.25
2.50
1
10
100
500
VFM(V)
IFM(A)
Tj=25
°C
Tj=125
°C
Fig. 6: Forward voltage drop versus forward current
(maximum values, per diode).



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com