Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TDA7498MV Datasheet(PDF) 12 Page - STMicroelectronics

Part # TDA7498MV
Description  100 W mono BTL class-D audio amplifier
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7498MV Datasheet(HTML) 12 Page - STMicroelectronics

Back Button TDA7498MV Datasheet HTML 8Page - STMicroelectronics TDA7498MV Datasheet HTML 9Page - STMicroelectronics TDA7498MV Datasheet HTML 10Page - STMicroelectronics TDA7498MV Datasheet HTML 11Page - STMicroelectronics TDA7498MV Datasheet HTML 12Page - STMicroelectronics TDA7498MV Datasheet HTML 13Page - STMicroelectronics TDA7498MV Datasheet HTML 14Page - STMicroelectronics TDA7498MV Datasheet HTML 15Page - STMicroelectronics TDA7498MV Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 26 page
background image
Characterization curves
TDA7498MV
12/26
DocID016505 Rev 6
4.2
Characterization curves
Unless otherwise stated the measurements were made under the following conditions:
VCC = 36 V, f = 1 kHz, GV = 25.6 dB, ROSC
= 39 kΩ, C
OSC = 100 nF, Tamb = 25 °C
4.2.1
For RL
= 6 Ω
Figure 4: Output power (THD = 10%) vs.
supply voltage
Figure 5: THD vs. output power
Figure 6: THD vs. frequency (1 W)
Figure 7: THD vs. frequency (100 mW)
10
120
20
30
40
50
60
70
80
90
100
110
+10
+36
+12
+14
+16
+1 8
+20
+22
+24
+26
+2 8
+30
+32
+34
Su pplyvoltage (V)
0.005
10
0.01
0.02
0.05
0.1
0.2
0.5
1
2
5
100m
200
200m
500m
1
2
5
10
20
50
100
Output power (W)
f = 1 kHz
f =100 Hz
20
20k
50
100
200
500
1k
2k
5k
10k
Fre quency (Hz)
0.01
2
0.02
0.05
0.1
0.2
0.5
1
0.01
2
0.02
0.05
0.1
0.2
0.5
1
20
20k
50
100
200
500
1k
2k
5k
10k
Fre quency (Hz)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com