Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TDA7498MV Datasheet(PDF) 2 Page - STMicroelectronics

Part # TDA7498MV
Description  100 W mono BTL class-D audio amplifier
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7498MV Datasheet(HTML) 2 Page - STMicroelectronics

  TDA7498MV Datasheet HTML 1Page - STMicroelectronics TDA7498MV Datasheet HTML 2Page - STMicroelectronics TDA7498MV Datasheet HTML 3Page - STMicroelectronics TDA7498MV Datasheet HTML 4Page - STMicroelectronics TDA7498MV Datasheet HTML 5Page - STMicroelectronics TDA7498MV Datasheet HTML 6Page - STMicroelectronics TDA7498MV Datasheet HTML 7Page - STMicroelectronics TDA7498MV Datasheet HTML 8Page - STMicroelectronics TDA7498MV Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 26 page
background image
Contents
TDA7498MV
2/26
DocID016505 Rev 6
Contents
1
Device block diagram...................................................................... 5
2
Pin description ................................................................................ 6
2.1
Pinout................................................................................................ 6
2.2
Pin list ............................................................................................... 7
3
Electrical specifications.................................................................. 8
3.1
Absolute maximum ratings ................................................................ 8
3.2
Thermal data ..................................................................................... 8
3.3
Recommended operating conditions................................................. 8
3.4
Electrical specifications ..................................................................... 9
4
Characterization curves ................................................................ 11
4.1
Test board ....................................................................................... 11
4.2
Characterization curves .................................................................. 12
4.2.1
For RL
= 6 Ω...................................................................................... 12
4.2.2
For RL
= 8 Ω...................................................................................... 14
5
Application information ................................................................ 16
5.1
Application circuit ............................................................................ 16
5.2
Mode selection ................................................................................ 17
5.3
Gain setting ..................................................................................... 18
5.4
Input resistance and capacitance.................................................... 18
5.5
Internal and external clocks ............................................................ 19
5.5.1
Master mode (internal clock) ............................................................ 19
5.5.2
Slave mode (external clock) ............................................................. 19
5.6
Output low-pass filter ...................................................................... 20
5.7
Protection functions......................................................................... 20
5.8
Diagnostic output ............................................................................ 21
6
Package information ..................................................................... 22
6.1
PowerSSO-36 EPU package information........................................ 22
7
Revision history ............................................................................ 25



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com