Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TS4962M Datasheet(PDF) 38 Page - STMicroelectronics

Part # TS4962M
Description  3 W filter-free class D audio power amplifier
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS4962M Datasheet(HTML) 38 Page - STMicroelectronics

Back Button TS4962M_V01 Datasheet HTML 33Page - STMicroelectronics TS4962M_V01 Datasheet HTML 34Page - STMicroelectronics TS4962M_V01 Datasheet HTML 35Page - STMicroelectronics TS4962M_V01 Datasheet HTML 36Page - STMicroelectronics TS4962M_V01 Datasheet HTML 37Page - STMicroelectronics TS4962M_V01 Datasheet HTML 38Page - STMicroelectronics TS4962M_V01 Datasheet HTML 39Page - STMicroelectronics TS4962M_V01 Datasheet HTML 40Page - STMicroelectronics TS4962M_V01 Datasheet HTML 41Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 38 / 41 page
background image
Package information
TS4962M
38/41
DocID11703 Rev 7
Figure 74. 9-bump Flip Chip marking (top view)
1. Legend:
ST logo
E = symbol for lead-free
First two “XX” = product code = 62
Third X = assembly code
Three-digit date code, Y = year, WW = week
Black dot is for marking pin A1
Figure 75. 9-bump Flip Chip recommended footprint
XXX
YWW
E
XXX
YWW
E
Pad in Cu 18
µm with Flash NiAu (2-6µm, 0.2µm max.)
150
µm min.
500
µm
500
µm
Φ=250µm
Φ=400µm typ.
75µm min.
100
µm max.
Track
Non Solder mask opening
Φ=340µm min.
Pad in Cu 18
µm with Flash NiAu (2-6µm, 0.2µm max.)
150
µm min.
500
µm
500
µm
Φ=250µm
Φ=400µm typ.
75µm min.
100
µm max.
Track
Non Solder mask opening
Φ=340µm min.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com