Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TSC2010H Datasheet(PDF) 24 Page - STMicroelectronics

Part # TSC2010H
Description  High temperature, high voltage, precision, bidirectional current sense amplifiers
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSC2010H Datasheet(HTML) 24 Page - STMicroelectronics

Back Button TSC2010H_V01 Datasheet HTML 20Page - STMicroelectronics TSC2010H_V01 Datasheet HTML 21Page - STMicroelectronics TSC2010H_V01 Datasheet HTML 22Page - STMicroelectronics TSC2010H_V01 Datasheet HTML 23Page - STMicroelectronics TSC2010H_V01 Datasheet HTML 24Page - STMicroelectronics TSC2010H_V01 Datasheet HTML 25Page - STMicroelectronics TSC2010H_V01 Datasheet HTML 26Page - STMicroelectronics TSC2010H_V01 Datasheet HTML 27Page - STMicroelectronics TSC2010H_V01 Datasheet HTML 28Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 49 page
background image
Figure 55. Input bias current vs. common mode voltage Vcc = 5 V
-20
-10
0
10
20
30
40
50
60
70
-600
-500
-400
-300
-200
-100
0
100
200
300
400
500
600
Iibp
Vref=Vcc/2
Vsense=0V
Vcc=5V
Iibn
Vicm (V)
•
Gnd < Vicm < Vcc
In this manner, the TSC2011H is only powered by the power supply Vcc, and the iib currents are very close to 0
µA and do not have any impact on the current measurement.
•
-20 V < Vicm < Gnd
The TSC2011H is fully functional in this range of common mode voltage and has also been characterized.
As the high positive common mode voltage, in this specific range, the TSC2011H is also powered by the input,
see Figure 3.
Figure 56. Power supply when Vicm < Gnd
Most of the current is still due to the pin In+ as we can see on the iibp curve of Figure 7. The current is about - 300
µA, some of it being Vicm / (R4 + R1) and some other supplies the circuit, roughly 250 µA. A small part of the
current, coming from the common mode rail, is also due to the input In– in order to power the TSC2011H, in a
range of -100 µV.
TSC2010H, TSC2011H, TSC2012H
Application information
DS13791 - Rev 2
page 24/49



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com