Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TSC2010H Datasheet(PDF) 34 Page - STMicroelectronics

Part # TSC2010H
Description  High temperature, high voltage, precision, bidirectional current sense amplifiers
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSC2010H Datasheet(HTML) 34 Page - STMicroelectronics

Back Button TSC2010H_V01 Datasheet HTML 30Page - STMicroelectronics TSC2010H_V01 Datasheet HTML 31Page - STMicroelectronics TSC2010H_V01 Datasheet HTML 32Page - STMicroelectronics TSC2010H_V01 Datasheet HTML 33Page - STMicroelectronics TSC2010H_V01 Datasheet HTML 34Page - STMicroelectronics TSC2010H_V01 Datasheet HTML 35Page - STMicroelectronics TSC2010H_V01 Datasheet HTML 36Page - STMicroelectronics TSC2010H_V01 Datasheet HTML 37Page - STMicroelectronics TSC2010H_V01 Datasheet HTML 38Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 49 page
background image
Figure 68. Capacitive load response at Vcc = 3.3 V with
720 kHz RC filter
-4µ
0
12µ
-8
-7
-6
-5
-4
-3
-2
-1
0
1
2
3
4
5
6
7
8
-1000
-900
-800
-700
-600
-500
-400
-300
-200
-100
0
100
200
300
400
500
600
700
800
900
1000
Time (s)
Sample and hold
Vout
Vcc=3.3V, Vicm=1.65V, Vsense=0Vpp
T=25°C,
Rs=470Ω,Ct=470pF
50kHz square signal of 3.3V amplitude
injected in the output through 40pF
Figure 69. Capacitive load response at Vcc = 3.3 V with
194 kHz RC filter
-4µ
0
12µ
-8
-7
-6
-5
-4
-3
-2
-1
0
1
2
3
4
5
6
7
8
-1000
-900
-800
-700
-600
-500
-400
-300
-200
-100
0
100
200
300
400
500
600
700
800
900
1000
Time (s)
Sample and hold
Vout
Vcc=3.3V, Vicm=1.65V, Vsense=0Vpp
T=25°C,
Rs=820Ω,Ct=1nF
50kHz square signal of 3.3V amplitude
injected in the output through 40pF
The value of the added external capacitor must be taken into account. Indeed, if this one is chosen with an
excessive value and the serial resistance with a too small value, the risk of instability on the output of the
TSC2011H is high.
Driving large capacitive Cload
Increasing the load capacitance produces gain peaking in the frequency response, with an overshoot and ringing
in the step response.
The figure below shows the serial resistors that must be added to the output, to make a system stable. The
chosen criteria ensures the stability of the system and it is an overshoot lower than 24%.
Figure 70. Stability criteria with a serial resistor at VCC = 5 V
0.1
1
10
100
0
100
200
300
400
500
Stable
Vcc=5V, Vicm=0V,
Vref=Vcc/2,
T=25°C,
Unstable
Capacitive Load (nF)
TSC2010H, TSC2011H, TSC2012H
Application information
DS13791 - Rev 2
page 34/49



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com