Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

BYT60P-1000 Datasheet(PDF) 1 Page - STMicroelectronics

Part # BYT60P-1000
Description  FAST RECOVERY RECTIFIER DIODES
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

BYT60P-1000 Datasheet(HTML) 1 Page - STMicroelectronics

  BYT60P-1000 Datasheet HTML 1Page - STMicroelectronics BYT60P-1000 Datasheet HTML 2Page - STMicroelectronics BYT60P-1000 Datasheet HTML 3Page - STMicroelectronics BYT60P-1000 Datasheet HTML 4Page - STMicroelectronics BYT60P-1000 Datasheet HTML 5Page - STMicroelectronics BYT60P-1000 Datasheet HTML 6Page - STMicroelectronics BYT60P-1000 Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
BYT60P-1000
BYT261PIV-1000
October 1999 - Ed: 4B
FAST RECOVERY RECTIFIER DIODES
®
Dual or high single voltage rectifier devices suited
for Switch Mode Power Supplies and other power
converters.
These devices are packaged in ISOTOP or in
SOD93.
DESCRIPTION
VERY LOW REVERSE RECOVERY TIME
VERY LOW SWITCHING LOSSES
LOW NOISE TURN-OFF SWITCHING
INSULATED PACKAGE: ISOTOP
Insulation voltage: 2500 VRMS
Capacitance = 45 pF
Inductance< 5 nH
FEATURES AND BENEFITS
Symbol
Parameter
Value
Unit
VRRM
Repetitive peak reverse voltage
1000
V
IFRM
Repetitive peak forward current
tp=5
µs F=1kHz
1000
A
IF(RMS)
RMS forward current
ISOTOP
140
A
SOD93
100
IF(AV)
Average forward current
δ = 0.5
Tc = 50
°C
ISOTOP
60
A
Tc = 60
°C
SOD93
60
IFSM
Surge non repetitive forward current
tp = 10 ms Sinusoidal
400
A
Tstg
Storage temperature range
- 40 to + 150
°C
Tj
Maximum operating junction temperature
150
°C
ABSOLUTE RATINGS (limiting values, per diode)
IF(AV)
2 x 60 A
VRRM
1000 V
VF (max)
1.8 V
trr (max)
70 ns
MAJOR PRODUCT CHARACTERISTICS
ISOTOP
TM
(Plastic)
K2
A2
A1
K1
BYT261PIV-1000
TM: ISOTOP is a registered trademark of STMicroelectronics.
K
A
SOD93
(Plastic)
1/7


Similar Part No. - BYT60P-1000

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
BYT60P-1000 ISC-BYT60P-1000 Datasheet
257Kb / 2P
Fast Recovery Rectifier Diode
More results

Similar Description - BYT60P-1000

ManufacturerPart #DatasheetDescription
logo
Sanken electric
AS01Z SANKEN-AS01Z Datasheet
26Kb / 1P
Fast-Recovery Rectifier Diodes
FMU-G16S SANKEN-FMU-G16S Datasheet
21Kb / 1P
Fast-Recovery Rectifier Diodes
RC2 SANKEN-RC2 Datasheet
19Kb / 1P
Fast-Recovery Rectifier Diodes
RS1A SANKEN-RS1A Datasheet
22Kb / 1P
Fast-Recovery Rectifier Diodes
RU3M SANKEN-RU3M Datasheet
23Kb / 1P
Fast-Recovery Rectifier Diodes
logo
EIC discrete Semiconduc...
FR201 EIC-FR201 Datasheet
47Kb / 2P
FAST RECOVERY RECTIFIER DIODES
FR301 EIC-FR301 Datasheet
47Kb / 2P
FAST RECOVERY RECTIFIER DIODES
MR850 EIC-MR850 Datasheet
47Kb / 2P
FAST RECOVERY RECTIFIER DIODES
RU2 EIC-RU2 Datasheet
39Kb / 2P
FAST RECOVERY RECTIFIER DIODES
RU3 EIC-RU3 Datasheet
39Kb / 2P
FAST RECOVERY RECTIFIER DIODES
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com