Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

BYT60P-1000 Datasheet(PDF) 4 Page - STMicroelectronics

Part # BYT60P-1000
Description  FAST RECOVERY RECTIFIER DIODES
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

BYT60P-1000 Datasheet(HTML) 4 Page - STMicroelectronics

  BYT60P-1000 Datasheet HTML 1Page - STMicroelectronics BYT60P-1000 Datasheet HTML 2Page - STMicroelectronics BYT60P-1000 Datasheet HTML 3Page - STMicroelectronics BYT60P-1000 Datasheet HTML 4Page - STMicroelectronics BYT60P-1000 Datasheet HTML 5Page - STMicroelectronics BYT60P-1000 Datasheet HTML 6Page - STMicroelectronics BYT60P-1000 Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
1
10
100
200
0
20
40
60
80
100
VR(V)
C(pF)
F=1MHz
Tj=25
°C
Fig. 7: Junctioncapacitance versus reverse voltage
applied (typical values, per diode for ISOTOP).
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
1
10
100
500
VFM(V)
IFM(A)
Typical values
Tj=100
°C
Tj=25
°C
Tj=100
°C
Fig. 6: Forward voltage drop versus forward
current (maximum values, per diode for ISOTOP).
1E-3
1E-2
1E-1
1E+0
0.1
0.2
0.5
1.0
tp(s)
K=[Zth(j-c)/Rth(j-c)]
T
δ=tp/T
tp
Single pulse
δ = 0.1
δ = 0.2
δ = 0.5
Fig. 5-1: Relative variation of thermal impedance
junction to case versus pulse duration (per diode,
ISOTOP).
1E-3
1E-2
1E-1
1E+0
0
50
100
150
200
250
300
350
400
t(s)
IM(A)
Tc=60
°C
Tc=25
°C
IM
t
δ=0.5
Fig. 4-1: Non repetitive surge peak forward current
versus overload duration (SOD93).
1E-3
1E-2
1E-1
1E+0
0
50
100
150
200
250
300
350
400
Tc=50
°C
Tc=25
°C
t(s)
IM(A)
IM
t
δ=0.5
Fig. 4-2: Non repetitive surge peak forward current
versus overload duration (per diode, ISOTOP).
1E-3
1E-2
1E-1
1E+0
0.1
0.2
0.5
1.0
tp(s)
K=[Zth(j-c)/Rth(j-c)]
T
δ=tp/T
tp
Single pulse
δ = 0.1
δ = 0.2
δ = 0.5
Fig. 5-2: Relative variation of thermal impedance
junction to case versus pulse duration (SOD93).
BYT60P-1000 / BYT261PIV-1000
4/7



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com