Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STA508 Datasheet(PDF) 6 Page - STMicroelectronics

Part # STA508
Description  40 V, 4.5 A quad power half bridge
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA508 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button STA508_V01 Datasheet HTML 2Page - STMicroelectronics STA508_V01 Datasheet HTML 3Page - STMicroelectronics STA508_V01 Datasheet HTML 4Page - STMicroelectronics STA508_V01 Datasheet HTML 5Page - STMicroelectronics STA508_V01 Datasheet HTML 6Page - STMicroelectronics STA508_V01 Datasheet HTML 7Page - STMicroelectronics STA508_V01 Datasheet HTML 8Page - STMicroelectronics STA508_V01 Datasheet HTML 9Page - STMicroelectronics STA508_V01 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 19 page
background image
4
Electrical characteristics
Table 5. Electrical characteristics VL = 3.3 V; VCC = 30 V; Tamb = 25 °C ; fsw = 384 kHz unless otherwise
specified.
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
RdsON
Power P-channel/N-channel
MOSFET RdsON
Id = 1 A
200
270
mΩ
Idss
Power P-channel/N-channel
leakage Idss
VCC = 35 V
50
µA
gN
Power P-channel RdsON matching
Id = 1 A
95
%
gP
Power N-channel RdsON matching
Id = 1 A
95
%
Dt_s
Low current dead time (static)
See Figure 5
10
20
ns
Dt_d
High current dead time (dinamic)
L = 22 µH; C = 470 nF;
RL = 8 Ω
Id = 3.5 A; see Figure 5
50
ns
td ON
Turn-on delay time
Resistive load
100
ns
td OFF
Turn-off delay time
Resistive load
100
ns
tr
Rise time
Resistive load; as Figure 3
25
ns
tf
Fall time
Resistive load; as Figure 3
25
ns
VCC
Supply voltage operating voltage
10
36
V
VIN-High
High level input voltage
VL/2
+300 mV
V
VIN-Low
Low level input voltage
VL/2-300
mV
V
IIN-High
High level input current
Pin voltage = VL
1
µA
IIN-Low
Low level input current
Pin voltage = 0.3 V
1
µA
IPWRDN-H
High level PWRDN pin input current VL = 3.3 V
35
µA
VL
Low logical state voltage VL (pin
PWRDN, TRISTATE) (1)
VL = 3.3 V
0.8
V
VH
High logical state voltage VH (pin
PWRDN, TRISTATE) (1)
VL = 3.3 V
1.7
V
IVCC- PWRDN
Supply CURRENT from VCC in
Power Down
PWRDN = 0
3
mA
IFAULT
Output current pins Fault -th-warn
when Fault conditions
Vpin = 3.3 V
1
mA
IVCC-hiz
Supply current from VCC in Tri-state VCC = 30 V; Tri-state = 0
22
mA
IVCC
Supply current from VCC in
operation both channel switching)
VCC= 30 V;
Input pulse width = 50%
duty;
Switching frequency = 384
kHz; No LC filters
50
mA
IVCC-q
Isc (short circuit current limit) .(2)
4.5
6
9
A
VUV
Undervoltage protection threshold
7
V
STA508
Electrical characteristics
DS3503 - Rev 6
page 6/19



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com