Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STA508 Datasheet(PDF) 4 Page - STMicroelectronics

Part # STA508
Description  40 V, 4.5 A quad power half bridge
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA508 Datasheet(HTML) 4 Page - STMicroelectronics

  STA508_V01 Datasheet HTML 1Page - STMicroelectronics STA508_V01 Datasheet HTML 2Page - STMicroelectronics STA508_V01 Datasheet HTML 3Page - STMicroelectronics STA508_V01 Datasheet HTML 4Page - STMicroelectronics STA508_V01 Datasheet HTML 5Page - STMicroelectronics STA508_V01 Datasheet HTML 6Page - STMicroelectronics STA508_V01 Datasheet HTML 7Page - STMicroelectronics STA508_V01 Datasheet HTML 8Page - STMicroelectronics STA508_V01 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
Pin N°
Name
Description
21, 22
Vdd
5 V Regulator referred to Ground
23
VL
High logical state setting voltage
24
CONFIG
Configuration pin
25
PWRDN
Stand-by pin
26
TRI-STATE
Hi-Z pin
27
FAULT
Fault pin advisor
28
TH-WAR
Thermal warning advisor
29
IN1A
Input of half bridge 1A
30
IN1B
Input of half bridge 1B
31
IN2A
Input of half bridge 2A
32
IN2B
Input of half bridge 2B
33, 34
VSS
5 V regulator referred to + VCC
35, 36
VCC Sign
Signal positive supply
Table 2. Functional pin status
Pin name
Logical value
IC-STATUS
FAULT
0
Fault detected (Short circuit, or Thermal ..)
FAULT (1)
1
Normal operation
TRI-STATE
0
Allpowers in Hi-Z state
TRI-STATE
1
Normal operation
PWRDN
0
Low absorbion
PWRDN
1
Normal operation
THWAR
0
Temperature of the IC = 130 °C
THWAR (1)
1
Normal operation
CONFIG
0
Normal Operation
CONFIG (2)
1
OUT1A = OUT1B; OUT2A=OUT2B (If IN1A = IN1B; IN2A = IN2B)
1. The pin is open collector. To have the high logic value, it needs to be pulled up by a resistor.
2. To put CONFIG = 1 means connect Pin 24 (CONFIG) to Pins 21, 22 (Vdd).
STA508
Pin configuration
DS3503 - Rev 6
page 4/19



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com