Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MCPWR12FTEO1004 Datasheet(PDF) 3 Page - Multicomp Pro

Part # MCPWR12FTEO1004
Description  Chip Resistors Pulse Withstanding
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MULTICOMP [Multicomp Pro]
Direct Link  https://www.multicomp-pro.com/
Logo MULTICOMP - Multicomp Pro

MCPWR12FTEO1004 Datasheet(HTML) 3 Page - Multicomp Pro

  MCPWR12FTEO1004 Datasheet HTML 1Page - Multicomp Pro MCPWR12FTEO1004 Datasheet HTML 2Page - Multicomp Pro MCPWR12FTEO1004 Datasheet HTML 3Page - Multicomp Pro MCPWR12FTEO1004 Datasheet HTML 4Page - Multicomp Pro MCPWR12FTEO1004 Datasheet HTML 5Page - Multicomp Pro MCPWR12FTEO1004 Datasheet HTML 6Page - Multicomp Pro MCPWR12FTEO1004 Datasheet HTML 7Page - Multicomp Pro MCPWR12FTEO1004 Datasheet HTML 8Page - Multicomp Pro  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Page <3>
V1.0
19/11/19
Chip Resistors
Pulse Withstanding
Newark.com/multicomp-pro
Farnell.com/multicomp-pro
Element14.com/multicomp-pro
*Ultra High Power: Double side printed resistor element
Operating voltage = √ (P × R) or maximum operating voltage listed above, whichever is lower.
Overload voltage = 2.5 × √ (P × R) or maximum overload voltage listed above, whichever is lower.
Type
Power Rating
at 70°C
Operating
Temp. Range
Max.
Operating
Voltage
Max.
Overload
Voltage
Resistance Range
TCR
(PPM/°C)
±0.5%
(E24,E96)
±1%
(E24,E96)
±5%
(E24)
1206
1/2W
-55°C to +155°C
200V
400V
10Ω - 20Ω
1Ω - 20Ω
±200
20.5Ω - 1MΩ
±100
1206
3/4W *
-55°C to +155°C
500V
1000V
10Ω - 20Ω
1Ω - 20Ω
±200
20.5Ω - 1MΩ
±100
1210
3/4W
-55°C to +155°C
200V
400V
10Ω - 20Ω
1Ω - 20Ω
±200
20.5Ω - 1MΩ
±100
2010
1W
-55°C to +155°C
400V
800V
10Ω - 20Ω
1Ω - 20Ω
±200
20.5Ω - 1MΩ
±100
Soldering Condition
Pulse Withstanding Chip Resistor
IR Reflow Soldering
(1) Time of IR reflow soldering at maximum temperature point 260°C : 10s
Environmental Characteristics
Item
Requirement
Test Method
Temperature Coefficient of
Resistance (T.C.R.)
As specification
JIS-C-5201-1 4.8
IEC-60115-1 4.8
At 25°C/-55°C and 25°C/+125°C, 25°C is the reference
temperature
Short Time Overload
±(1.0%+0.05Ω)
JIS-C-5201-1 4.13
IEC-60115-1 4.13
RCWV*2.5 or Max. Overload Voltage whichever is lower
for 5 seconds
Insulation Resistance
≥10G
JIS-C-5201-1 4.6
IEC-60115-1 4.6
Max. Overload Voltage for 1 minute



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com