Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MCPWR12FTEO1004 Datasheet(PDF) 4 Page - Multicomp Pro

Part # MCPWR12FTEO1004
Description  Chip Resistors Pulse Withstanding
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MULTICOMP [Multicomp Pro]
Direct Link  https://www.multicomp-pro.com/
Logo MULTICOMP - Multicomp Pro

MCPWR12FTEO1004 Datasheet(HTML) 4 Page - Multicomp Pro

  MCPWR12FTEO1004 Datasheet HTML 1Page - Multicomp Pro MCPWR12FTEO1004 Datasheet HTML 2Page - Multicomp Pro MCPWR12FTEO1004 Datasheet HTML 3Page - Multicomp Pro MCPWR12FTEO1004 Datasheet HTML 4Page - Multicomp Pro MCPWR12FTEO1004 Datasheet HTML 5Page - Multicomp Pro MCPWR12FTEO1004 Datasheet HTML 6Page - Multicomp Pro MCPWR12FTEO1004 Datasheet HTML 7Page - Multicomp Pro MCPWR12FTEO1004 Datasheet HTML 8Page - Multicomp Pro  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
Page <4>
V1.0
19/11/19
Chip Resistors
Pulse Withstanding
Newark.com/multicomp-pro
Farnell.com/multicomp-pro
Element14.com/multicomp-pro
Packaging:
Reel Specifications & Packaging Quantity
RCWV(Rated Continuous Working Voltage)=√(P×R) or Max. Operating Voltage whichever is lower.
Item
Requirement
Test Method
Endurance
±(1.0%+0.05Ω)
JIS-C-5201-1 4.25
IEC-60115-1 4.25.1
70±2°C, RCWV for 1000 hrs with 1.5 hrs “ON”
and 0.5 hr “OFF”
Damp Heat with Load
±(0.5%+0.05Ω)
JIS-C-5201-1 4.24
IEC-60115-1 4.24
40±2°C, 90~95% R.H., RCWV for 1000 hrs with
1.5 hrs “ON” and 0.5 hr “OFF”
Ultra High Power *
±(1.0%+0.05Ω)
Dry Heat
±(0.5%+0.05Ω)
JIS-C-5201-1 4.23
IEC-60115-1 4.23.2
at +155°C for 1000 hrs
Bending Strength
±(1.0%+0.05Ω)
JIS-C-5201-1 4.33
IEC-60115-1 4.33
Bending once for 5 seconds
2010, 2512 sizes: 2mm
Other sizes: 3mm
Solderability
95% min. coverage
JIS-C-5201-1 4.17
IEC-60115-1 4.17
245°C ±5°C for 3 seconds
Resistance to Soldering
Heat
±(0.5%+0.05Ω)
JIS-C-5201-1 4.18
IEC-60115-1 4.18
260°C ±5°C for 10 seconds
Voltage Proof
No breakdown or flashover
JIS-C-5201-1 4.7
IEC-60115-1 4.7
1.42 times Max. Operating Voltage for 1 minute
Leaching
Individual leaching area %5%
Total leaching area %10%
JIS-C-5201-1 4.18
IEC-60068-2-58 8.2.1
260°C ±5°C for 30 seconds
Rapid Change of
Temperature
±(0.5%+0.05Ω)
JIS-C-5201-1 4.19
IEC-60115-1 4.19
-55°C to +155°C, 5 cycles



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com