Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

VND9012AJ Datasheet(PDF) 7 Page - STMicroelectronics

Part # VND9012AJ
Description  Double channel high-side driver with current sense analog feedback for automotive applications
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VND9012AJ Datasheet(HTML) 7 Page - STMicroelectronics

Back Button VND9012AJ Datasheet HTML 3Page - STMicroelectronics VND9012AJ Datasheet HTML 4Page - STMicroelectronics VND9012AJ Datasheet HTML 5Page - STMicroelectronics VND9012AJ Datasheet HTML 6Page - STMicroelectronics VND9012AJ Datasheet HTML 7Page - STMicroelectronics VND9012AJ Datasheet HTML 8Page - STMicroelectronics VND9012AJ Datasheet HTML 9Page - STMicroelectronics VND9012AJ Datasheet HTML 10Page - STMicroelectronics VND9012AJ Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 46 page
background image
2.3
Main electrical characteristics
7 V < VCC < 28 V; -40°C < Tj < 150°C, unless otherwise specified.
All typical values refer to VCC = 13 V; Tj = 25°C, unless otherwise specified.
Table 5. Power section
Symbol
Parameter
Test conditions
Min. Typ. Max. Unit
VCC
Operating supply voltage
4
13
28
V
VUSD
Undervoltage shutdown
2.1
2.7
V
VUSDReset Undervoltage shutdown reset
4.5
V
VUSDhyst
Undervoltage shutdown
hysteresis
0.15
V
RON
On-state resistance (1)
IOUT = 4.75 A; Tj = 25°C
12
mΩ
IOUT = 4.75 A; Tj = 150°C
26.4
IOUT = 4.75 A; VCC = 4 V; Tj = 25°C
20.4
IOUT = 1 A; VCC = 2.7 V; VCC decreasing
72
RON_REV
RDSON in reverse battery
condition
VCC = -13 V; IOUT = -4.75 A; TJ = 25°C
12
mΩ
Vclamp
Clamp voltage
IS = 20 mA; 25°C < Tj < 150°C
36
38
45
V
IS = 20 mA; Tj = -40°C
36
V
ISTBY
Supply current in standby at
VCC = 13 V (2)
VCC = 13 V; VIN0,1 = VOUT0,1 = VFR = VSEn = 0 V;
VSEL = 0 V; Tj = 25°C
0.5
µA
VCC = 13 V; VIN0,1 = VOUT0,1 = VFR = VSEn = 0 V;
VSEL = 0 V; Tj = 85°C (3)
0.5
VCC = 13 V; VIN0,1 = VOUT0,1 = VFR = VSEn = 0 V;
VSEL = 0 V; Tj = 125°C
3
tD_STBY
Standby mode blanking time
VCC = 13 V; VIN = VOUT = VFR = VSEL0,1 = 0 V;
VSEn = 5 V to 0 V
60
260
550
µs
IS(ON)
Supply current
VCC = 13 V; VSEn = VFR = VSEL0,1 = 0 V; VIN0 = 5 V;
VIN1 = 5 V;
IOUT0 = 0 A; IOUT1 = 0 A
2.9
4
mA
IGND(ON)
Control stage current
consumption in ON state. All
channels active.
VCC = 13 V; VSEn = 5 V; VFR = VSEL = 0 V;
VIN0 = 5 V; VIN1 = 5 V; IOUT0 = 4.75 A;
IOUT1 = 4.75 A
4.5
mA
IL(off)
Off-state output current at
VCC = 13 V (2)
VIN0,1 = VOUT0,1 = 0 V; VCC = 13 V; Tj = 25°C
0
0.01
0.5
µA
VIN0,1 = VOUT0,1 = 0 V; VCC = 13 V; Tj = 125°C
0
3
VF
Output - VCC diode voltage at TJ=
150 °C
IOUT = -4.75 A; Tj = 150°C
0.7
V
1. For each channel
2. PowerMOS leakage included.
3. Parameter specified by design; not subject to production test.
VND9012AJ
Electrical specifications
DS12727 - Rev 5
page 7/46



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com