Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

VND9012AJ Datasheet(PDF) 8 Page - STMicroelectronics

Part # VND9012AJ
Description  Double channel high-side driver with current sense analog feedback for automotive applications
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VND9012AJ Datasheet(HTML) 8 Page - STMicroelectronics

Back Button VND9012AJ Datasheet HTML 4Page - STMicroelectronics VND9012AJ Datasheet HTML 5Page - STMicroelectronics VND9012AJ Datasheet HTML 6Page - STMicroelectronics VND9012AJ Datasheet HTML 7Page - STMicroelectronics VND9012AJ Datasheet HTML 8Page - STMicroelectronics VND9012AJ Datasheet HTML 9Page - STMicroelectronics VND9012AJ Datasheet HTML 10Page - STMicroelectronics VND9012AJ Datasheet HTML 11Page - STMicroelectronics VND9012AJ Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 46 page
background image
Table 6. Switching
VCC = 13 V; -40°C < Tj < 150°C, unless otherwise specified
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
td(on) (1)
Turn-on delay time at Tj = 25 °C
RL = 2.8 Ω
10
58
120
µs
td(off) (1)
Turn-off delay time at Tj = 25 °C
10
26
100
(dVOUT/dt)on (1)
Turn-on voltage slope at Tj = 25 °C
RL = 2.8 Ω
0.2
0.44
0.7
V/µs
(dVOUT/dt)off (1)
Turn-off voltage slope at Tj = 25 °C
0.2
0.53
0.7
WON
Switching energy losses at turn-on (twon)
RL = 2.8 Ω
—
0.4
0.95 (2)
mJ
WOFF
Switching energy losses at turn-off (twoff)
RL = 2.8 Ω
—
0.34
0.55(2)
mJ
tSKEW (1)
Differential Pulse skew (tPHL - tPLH)
RL = 2.8 Ω
-85
-35
15
µs
1. See Figure 4. Switching time and Pulse skew.
2. Parameter guaranteed by design and characterization; not subject to production test.
VND9012AJ
Electrical specifications
DS12727 - Rev 5
page 8/46



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com