Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STM32WL33CC Datasheet(PDF) 16 Page - STMicroelectronics

Part # STM32WL33CC
Description  Multiprotocol LPWAN 32-bit MCU Arm® Cortex®-M0 2(G)FSK, 4(G)FSK, ASK, D-BPSK, up to 256KB flash, 32KB SRAM
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32WL33CC Datasheet(HTML) 16 Page - STMicroelectronics

Back Button STM32WL33CC Datasheet HTML 12Page - STMicroelectronics STM32WL33CC Datasheet HTML 13Page - STMicroelectronics STM32WL33CC Datasheet HTML 14Page - STMicroelectronics STM32WL33CC Datasheet HTML 15Page - STMicroelectronics STM32WL33CC Datasheet HTML 16Page - STMicroelectronics STM32WL33CC Datasheet HTML 17Page - STMicroelectronics STM32WL33CC Datasheet HTML 18Page - STMicroelectronics STM32WL33CC Datasheet HTML 19Page - STMicroelectronics STM32WL33CC Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 91 page
background image
•
The radio block is able to generate two events to wake up the system through its embedded wake-up timer
running on low speed clock:
–
SUBG RFIP wakeup time is reached
•
the LPAWUR RFIP is able to generate a wakeup event
•
the LCD is able to generate a wakeup event
•
the COMP is able to generate a wakeup event (with polarity selection, like I/Os)
•
the RTC is able to generate a wakeup event
•
the LC sensor controller is able to generate a wakeup event
•
the LPUART is able to generate a wakeup event
•
the IWDG is able to generate a reset event
•
All I/Os are able to wake up the system.
At wakeup, the hardware resources located in the VDD12i power domain are reset, the CPU reboots. The reason
for wakeup is visible in a PWRC register.
3.6.3
Shutdown mode
The Shutdown mode is the least power consuming mode. The conditions to enter Shutdown mode are the same
conditions needed to enter Deepstop mode except that the PWRC_CR1.LPMS bit must be equal to 1.
(PWRC_DBGR.DEEPSTOP2 bit must be maintained equal to 0).
In Shutdown mode, the STM32WL33xx is in ultra-low power consumption: all voltage regulators, clocks and the
RF interface are not powered. The STM32WL33xx can enter shutdown mode by internal software sequence.
There are two ways to exit shutdown mode: by asserting and de-asserting the RSTN pin or by configurable pulse
polarity on GPIO PB0.
In Shutdown mode:
•
The system is powered down as both the regulators are OFF
•
The VDDIO power domain is ON
•
All the clocks are OFF, LSI and LSE are OFF
•
The I/O pull-ups and pull-downs can be controlled during Shutdown mode, depending on the software
configuration
•
Two wake-up sources are available: a low pulse on the RSTN pin or a configurable pulse polarity on GPIO
PB0.
The exit from Shutdown is like a POR start up. The BOR feature can be enabled or disabled during Shutdown.
STM32WL33xx
Functional overview
DS14221 - Rev 5
page 16/91



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com