Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STM32WL33CC Datasheet(PDF) 19 Page - STMicroelectronics

Part # STM32WL33CC
Description  Multiprotocol LPWAN 32-bit MCU Arm® Cortex®-M0 2(G)FSK, 4(G)FSK, ASK, D-BPSK, up to 256KB flash, 32KB SRAM
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32WL33CC Datasheet(HTML) 19 Page - STMicroelectronics

Back Button STM32WL33CC Datasheet HTML 15Page - STMicroelectronics STM32WL33CC Datasheet HTML 16Page - STMicroelectronics STM32WL33CC Datasheet HTML 17Page - STMicroelectronics STM32WL33CC Datasheet HTML 18Page - STMicroelectronics STM32WL33CC Datasheet HTML 19Page - STMicroelectronics STM32WL33CC Datasheet HTML 20Page - STMicroelectronics STM32WL33CC Datasheet HTML 21Page - STMicroelectronics STM32WL33CC Datasheet HTML 22Page - STMicroelectronics STM32WL33CC Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 91 page
background image
Figure 8. Fast clock tree generation
LSI RC0
32 kHz
LSE OSC
32 kHz
HSE OSC
48 MHz or
50 MHz
RC64MPLL
HSI 64 MHz
+ PLL x 4/3
/1, /2, .., /32
SYSCLK PRE
/1, /2, /3, /6,
/12, /24, /48
SYSCLK PRE
/1, /2, /4, /8,
/16, /32, /64
/2
/3
/4
/4
/2
10
01
11
00
01
1x
1
0
1
0
1
0
1
0
1
0
1
0
1
0
LCO
OSC32k_OUT
OSC_OUT
OSC32k_IN
OSC_IN
CLK_ROOT
HSESEL
MCO
CLKANA_ADC
CLK_SMPS
CLK_SYS
HSE
HSI
HSE / 2048
CLK_ROOT_DIV
CLK_SYS
LSE
CLK_SPI3 / I2S
CLK_LPUART
CLK_SMPS
HSESEL
MCOSEL
SMPSDIV
KRMEN
CLK_SMPS_KRM
LPUCLKSEL
SPI3I2CCLKSEL
HSESEL
SYSCLKDIV
SYSCLKDIV
LCOSEL
CLK_ROOT_DIV / 512
CLKSLOWSEL
CLK_RTC
CK_WDG
CK_MR_SUBGHz_WKUP
CLK_LPAWUR_WKUP
CLK_LCD
CLK_SCI_WKUP
CLK_TIM2
CLKTIM16
CLKSYS
to:
CPU
AHB0
APB0
APB2
SRAM
AES
CLK_USART
CLK_I2C
CLK_FLASH
CLK_PWR
CLK_RNG
CLK_MR_SUBGHz
CLK_LPAWUR_WKUP
CLKANA_ADC
CLKDIG_ADC
STM32WL33xx
Functional overview
DS14221 - Rev 5
page 19/91



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com