Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STM32WL33CBVATR Datasheet(PDF) 15 Page - STMicroelectronics

Part # STM32WL33CBVATR
Description  Multiprotocol LPWAN 32-bit MCU Arm® Cortex®-M0 2(G)FSK, 4(G)FSK, ASK, D-BPSK, up to 256KB flash, 32KB SRAM
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32WL33CBVATR Datasheet(HTML) 15 Page - STMicroelectronics

Back Button STM32WL33CBVATR Datasheet HTML 11Page - STMicroelectronics STM32WL33CBVATR Datasheet HTML 12Page - STMicroelectronics STM32WL33CBVATR Datasheet HTML 13Page - STMicroelectronics STM32WL33CBVATR Datasheet HTML 14Page - STMicroelectronics STM32WL33CBVATR Datasheet HTML 15Page - STMicroelectronics STM32WL33CBVATR Datasheet HTML 16Page - STMicroelectronics STM32WL33CBVATR Datasheet HTML 17Page - STMicroelectronics STM32WL33CBVATR Datasheet HTML 18Page - STMicroelectronics STM32WL33CBVATR Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 91 page
background image
•
the system clock and the bus clock are running
•
the CPU core and the radio can be used
•
the power consumption may be reduced by gating the clock of the unused peripherals
3.6.2
Deepstop mode
Deepstop is the only low power mode of the STM32WL33xx allowing the restart from a saved context
environment and the application at wake-up to go on running.
The conditions to enter Deepstop mode are:
•
The radio (MR_SUBG) is sleeping (no radio activity)
•
The CPU is sleeping (WFI with SLEEPDEEP bit activated)
•
No unmasked wake-up sources are active (including those from a previous wakeup sequence for which the
software did not clear the associated flag after wakeup) the PWRC_CR1.LPMS bit is equal to 0.
•
The system is clocked on RC64MPLL (HSI or PLL locked mode)
•
Reset PWRC_CR5.GPIORET bit when PWRC_DBGR.DEEPSTOP2 bit is set, otherwise set
PWRC_CR5.GPIORET bit
•
If SMPS clock variable rate multiplier is enabled RCC_KRMR.KRMEN=1, in order to guarantee a good
SMPS startup at next wakeup, its mandatory to put RCC_CFGR.SMPSDIV=0.
In Deepstop mode:
•
The system and the bus clocks are stopped as the RC64MPLL block is OFF
•
the VDD12i power domain is switched off
•
the VDDI2o power domain is ON and supplied by the LPREG which regulated voltage is:
–
1.2 V if the LCD is enabled (LCD_CR.LCDEN=1)
–
1.2 V if the Comparator scaler is enabled (COMP.SCALEN=1)
–
1.2 V if the bit PWRC_CR2.LPREG_FORCE_VH=1
–
1.0 V in all the other cases
The current regulation status of the LPREG is reported by the PWRC_CR2.LPREG_VH_STATUS bit:
•
the RAM0 bank is kept in retention
•
the other RAM banks are in retention or not, depending on software choice in PWRC_CR2 register
•
the slow clock can be running or stopped, depending on the software configuration present before
Deepstop entry:
–
ON or OFF
–
LSE or LSI source
•
The Comparator, LCD, RTC, IWDOG, LC Sensor Controller, DAC and LPUART stay active (if enabled and
one slow clock source is ON).
•
The MR_SUBG wakeup block including its timer stay active (if enabled and one slow clock source is ON).
•
The LPAWUR RFIP wakeup block including its timer stay active (if enabled and one slow clock source is
ON).
•
The configurations of all the I/Os are latched before entering Deepstop mode:
–
AF configuration is latched only for the I/Os on which is mapped at least one pin of a peripheral that
can be active in Deepstop mode (Comparator, LCD, RTC, IWDOG, LC Sensor Controller, DAC and
LPUART)
–
I/Os analog switches configuration is retained for the I/Os on which is mapped at least one analog pin
of a peripheral that can be active in Deepstop mode (comparator)
–
all the I/Os able to be in output driving either a static low or high level, some of them also the slow
clock information LCO or the RTC_OUT.
A version of the Deepstop mode called DEEPSTOP2 has been implemented to emulate the Deepstop mode
without losing the debugger connection and breakpoints nor watchpoints.
•
This variant can be selected by setting the PWRC_DBGR.DEEPSTOP2 bit.
•
In this case, the Deepstop mode sequence (entry and exit) is done without shutting down the VDD12i
power domain.
Possible wake-up sources are:
STM32WL33xx
Functional overview
DS14221 - Rev 5
page 15/91



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com