Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DAC7760IPWPR.A Datasheet(PDF) 20 Page - Texas Instruments

Part # DAC7760IPWPR.A
Description  DACx760 Single-Channel, 12- and 16-Bit Programmable Current and Voltage Output Digital-to-Analog Converters for 4-mA to 20-mA Current-Loop Applications
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DAC7760IPWPR.A Datasheet(HTML) 20 Page - Texas Instruments

Back Button DAC7760IPWPR.A Datasheet HTML 16Page - Texas Instruments DAC7760IPWPR.A Datasheet HTML 17Page - Texas Instruments DAC7760IPWPR.A Datasheet HTML 18Page - Texas Instruments DAC7760IPWPR.A Datasheet HTML 19Page - Texas Instruments DAC7760IPWPR.A Datasheet HTML 20Page - Texas Instruments DAC7760IPWPR.A Datasheet HTML 21Page - Texas Instruments DAC7760IPWPR.A Datasheet HTML 22Page - Texas Instruments DAC7760IPWPR.A Datasheet HTML 23Page - Texas Instruments DAC7760IPWPR.A Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 69 page
background image
7.10 Typical Characteristics (continued)
at TA = 25°C (unless otherwise noted)
Time (20 µs/div)
C001
VOUT (50 mV/div)
LOAD = 1 kŸ // 200 pF
Figure 7-39. VOUT Power-On Glitch
Time (3 µs/div)
C001
8000h to 7FFFh
7FFFh to 8000h
Figure 7-40. VOUT Digital-to-Analog Glitch
0
100
200
300
400
500
600
700
800
900
10
100
1k
10k
100k
Frequency (Hz)
“10 V range
+5 V range
“5 V range/ +10 V range
C007
AVDD = +24V
AVSS = -12V
Output unloaded
Figure 7-41. VOUT Noise PSD vs Frequency
Time (2 s/div)
C002
AVDD = +24 V
AVSS = -12 V
DAC = midscale
Figure 7-42. VOUT, Peak-to-Peak Noise (0.1 Hz to 10 Hz)
-0.4
-0.2
0.0
0.2
0.4
0.6
0.8
1.0
1.2
-12
-8
-4
0
4
8
12
16
20
24
VOUT Pin Voltage (V)
C003
AVDD = +24 V
AVSS = -12 V
Output disabled
Figure 7-43. VOUT Hi-Z Leakage Current vs Voltage
0
5
10
15
20
25
30
35
40
45
50
-40
-25
-10
5
20
35
50
65
80
95
110
125
Temperature (oC)
VOUT = 0 V, short circuit to AVDD
VOUT = 11 V, short circuit to AVSS
C001
AVDD = 24 V
AVSS = -12 V
Figure 7-44. VOUT Short-Circuit Current vs Temperature
DAC7760, DAC8760
SBAS528D – JUNE 2013 – REVISED DECEMBER 2021
www.ti.com
20
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: DAC7760 DAC8760



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com