Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DAC7760IPWPR.A Datasheet(PDF) 52 Page - Texas Instruments

Part # DAC7760IPWPR.A
Description  DACx760 Single-Channel, 12- and 16-Bit Programmable Current and Voltage Output Digital-to-Analog Converters for 4-mA to 20-mA Current-Loop Applications
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DAC7760IPWPR.A Datasheet(HTML) 52 Page - Texas Instruments

Back Button DAC7760IPWPR.A Datasheet HTML 48Page - Texas Instruments DAC7760IPWPR.A Datasheet HTML 49Page - Texas Instruments DAC7760IPWPR.A Datasheet HTML 50Page - Texas Instruments DAC7760IPWPR.A Datasheet HTML 51Page - Texas Instruments DAC7760IPWPR.A Datasheet HTML 52Page - Texas Instruments DAC7760IPWPR.A Datasheet HTML 53Page - Texas Instruments DAC7760IPWPR.A Datasheet HTML 54Page - Texas Instruments DAC7760IPWPR.A Datasheet HTML 55Page - Texas Instruments DAC7760IPWPR.A Datasheet HTML 56Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 69 page
background image
10 Power Supply Recommendations
The DACx760 family operates within the specified single-supply range of 10 V to 36 V applied to the AVDD pin.
The device also operates with the specified dual-supply range of 10 V to 18 V applied to AVDD, and 0 V to –18 V
on AVSS, or any subsequent combination that does not exceed the maximum difference of 36 V between AVDD
and AVSS. The digital supply, DVDD, operates within the specified supply range of 2.7 V to 5.5 V or is powered
by the internal 4.6-V LDO.
Switching power supplies and DC/DC converters often have high-frequency glitches or spikes riding on the
output voltage. In addition, digital components can create similar high frequency spikes. This noise can be
easily coupled into the DAC output voltage or current through various paths between the power connections and
analog output. To further reduce noise, include bulk and local decoupling capacitors.
CAUTION
Do not ramp the supplies for the DACx760 faster than 1 V/ns or damage may result to the device. To
help reduce the supply ramp, use a 10-Ω series resistor from the analog supply to the device AVDD
connection.
The DACx760 has internal power-on reset (POR) circuitry for both the digital DVDD and analog AVDD supplies.
This circuitry makes sure that the internal logic and power-on state of the DAC power up to the proper state
independent of the supply sequence. The recommended power-supply sequence is to first have the analog
AVDD supply come up, followed by the digital DVDD supply. DVDD can come up first as long as AVDD ramps to
at least 5 V within 50 μs. If neither condition can be satisfied, issue a software reset command using the SPI bus
after both AVDD and DVDD are stable.
The current consumption on the AVDD and AVSS pins, the short-circuit current limit for the voltage output, and
current ranges for the current output are listed in Section 7.5. The power supply must meet the requirements
listed in Section 7.5.
DAC7760, DAC8760
SBAS528D – JUNE 2013 – REVISED DECEMBER 2021
www.ti.com
52
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: DAC7760 DAC8760



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com