Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

L9679P Datasheet(PDF) 19 Page - STMicroelectronics

Part # L9679P
Description  Automotive advanced airbag for mid/high end applications and cut-off battery IC
PDF  279 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9679P Datasheet(HTML) 19 Page - STMicroelectronics

Back Button L9679P_V01 Datasheet HTML 15Page - STMicroelectronics L9679P_V01 Datasheet HTML 16Page - STMicroelectronics L9679P_V01 Datasheet HTML 17Page - STMicroelectronics L9679P_V01 Datasheet HTML 18Page - STMicroelectronics L9679P_V01 Datasheet HTML 19Page - STMicroelectronics L9679P_V01 Datasheet HTML 20Page - STMicroelectronics L9679P_V01 Datasheet HTML 21Page - STMicroelectronics L9679P_V01 Datasheet HTML 22Page - STMicroelectronics L9679P_V01 Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 279 page
background image
DS11627 Rev 7
19/279
L9679P
Operative maximum ratings
278
27
DCS7
DC sensor interface channel 7
-1
18
V
28
DCS6
DC sensor interface channel 6
-1
18
V
29
DCS5
DC sensor interface channel 5
-1
18
V
30
DCS4
DC sensor interface channel 4
-1
18
V
31
DCS3
DC sensor interface channel 3
-1
18
V
32
DCS2
DC sensor interface channel 2
-1
18
V
33
DCS1
DC sensor interface channel 1
-1
18
V
34
DCS0
DC Sensor interface channel 0
-1
18
V
35
RSU0
PSI-5/WSS ch. 0 remote sensor output
-1
VRSU_SYNC_MAX
V
36
RSU1
PSI-5/WSS ch. 1 remote sensor output
-1
VRSU_SYNC_MAX
V
37
NC
Not connected
38
NC
Not connected
39
GPOD0
GPO driver 0 drain output pin
-0.1
40
V
40
GPOS0
GPO driver 0 source output pin
-1
40
V
41
GPOS1
GPO driver 1 source output pin
-1
40
V
42
GPOD1
GPO driver 1 drain output pin
-0.1
40
V
43
GPOD2
GPO driver 2 drain output pin
-0.1
40
V
44
GPOS2
GPO driver 2 source output pin
-1
40
V
45
COVRACT
External crossover switch driver
-0.1
40
V
46
ISOK
ISO9141 bus pin (K-LINE)
-0.1
VCC+0.1  5.5
V
47
NC
Not connected
48
SATSYNC
Initiate satellite sensor sync pulse
-0.1
VCC+0.1  5.5
V
49
PSINHB
Active low passenger airbag inhibit control
-1
18
V
50
GNDSUB1
Substrate ground / Squib/pyroswitch ground
-0.1
0.1
V
51
NC
Not connected
52
NC
Not connected
53
NC
Not connected
54
NC
Not connected
55
NC
Not connected
56
SR3
Squib/pyroswitch 3 low-side pin
-0.1
SS23
V
57
SF3
Squib/pyroswitch 3 high-side pin
-1.0
SS23
V
58
SS23
Squib/pyroswitch 2 & 3 deployment supply
pin
-0.1
VER
V
59
SF2
Squib/pyroswitch 2 high-side pin
-1.0
SS23
V
Table 2. Operative maximum ratings (continued)
Pin
#
Pin name
Pin function
Min
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com