Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

L9679P Datasheet(PDF) 25 Page - STMicroelectronics

Part # L9679P
Description  Automotive advanced airbag for mid/high end applications and cut-off battery IC
PDF  279 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9679P Datasheet(HTML) 25 Page - STMicroelectronics

Back Button L9679P_V01 Datasheet HTML 21Page - STMicroelectronics L9679P_V01 Datasheet HTML 22Page - STMicroelectronics L9679P_V01 Datasheet HTML 23Page - STMicroelectronics L9679P_V01 Datasheet HTML 24Page - STMicroelectronics L9679P_V01 Datasheet HTML 25Page - STMicroelectronics L9679P_V01 Datasheet HTML 26Page - STMicroelectronics L9679P_V01 Datasheet HTML 27Page - STMicroelectronics L9679P_V01 Datasheet HTML 28Page - STMicroelectronics L9679P_V01 Datasheet HTML 29Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 279 page
background image
DS11627 Rev 7
25/279
L9679P
Overview and block diagram
278
5.3
Remote sensor interfaces
Two channel receiver
–
standard PSI-5 v1.3 compatible with sync pulse
Current limit with short circuit protection diagnostics
PSI-5 satellite sensor mode
–
Auto-adjusting current trip points for each satellite channel
–
Even parity, 8 or 10 bit messages, 125k or 189kbps
–
Satellite message error detection
5.4
DC sensor interfaces
Nine integrated switch interfaces with current sense capability
Compatible with Hall-effect, resistive and switch sensors
Current limit protected
System dedicated path to disable the passenger airbag with input from DC sensor
interface
5.5
General purpose outputs
Three configurable high-side or low-side drivers
ON-OFF mode and PWM 0-100% fine control
Diagnostics for short circuit protection and open load detection
Current limit and reverse battery protected
5.6
Arming logic
User configurable safing algorithms with 12 safing records
Four digital sensor interfaces through SPI
Independent user programmable thresholds
Independent user programmable latch timers
Two discrete and independent arming logic outputs
Two discrete and independent internal arming signals
End-of-life interface



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com